Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP30H65F Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGP30H65F
Description  Low thermal resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP30H65F Datasheet(HTML) 5 Page - STMicroelectronics

  STGP30H65F Datasheet HTML 1Page - STMicroelectronics STGP30H65F Datasheet HTML 2Page - STMicroelectronics STGP30H65F Datasheet HTML 3Page - STMicroelectronics STGP30H65F Datasheet HTML 4Page - STMicroelectronics STGP30H65F Datasheet HTML 5Page - STMicroelectronics STGP30H65F Datasheet HTML 6Page - STMicroelectronics STGP30H65F Datasheet HTML 7Page - STMicroelectronics STGP30H65F Datasheet HTML 8Page - STMicroelectronics STGP30H65F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID025631 Rev 1
5/13
STGP30H65F
Electrical characteristics
Table 6. Switching on/off (inductive load)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
t
d(on)
Turn-on delay time
V
CE
= 400 V, I
C
= 30 A,
R
G
= 10
Ω, V
GE
= 15 V
-
50
-
ns
t
r
Current rise time
15
ns
(di/dt)
on
Turn-on current slope
1600
A/μs
t
d(on)
Turn-on delay time
V
CE
= 400 V, I
C
= 30 A,
R
G
= 10
Ω, V
GE
= 15 V
T
J
= 175 °C
-
47
-
ns
t
r
Current rise time
17
ns
(di/dt)
on
Turn-on current slope
1400
A/μs
t
r
(V
off
)
Off voltage rise time
V
CE
= 400 V, I
C
= 30 A,
R
G
= 10
Ω, V
GE
= 15 V
-
20
-
ns
t
d
(
off
)
Turn-off delay time
160
ns
t
f
Current fall time
60
ns
t
r
(V
off
)
Off voltage rise time
V
CE
= 400 V, I
C
= 30 A,
R
G
= 10
Ω, V
GE
= 15 V
T
J
= 175 °C
-
22
-
ns
t
d
(
off
)
Turn-off delay time
146
ns
t
f
Current fall time
88
ns
t
sc
Short circuit withstand time
V
CC
≤ 360 V, V
GE
= 15 V
3
6
-
μs
Table 7. Switching energy (inductive load)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Eon
(1)
Turn-on switching losses
V
CE
= 400 V, I
C
= 30 A,
R
G
= 10
Ω, V
GE
= 15 V
-0.35
-
mJ
E
off
(2)
Turn-off switching losses
-
0.40
-
mJ
E
ts
Total switching losses
-
0.75
-
mJ
Eon
(1)
Turn-on switching losses
V
CE
= 400 V, I
C
= 30 A,
R
G
= 10
Ω, V
GE
= 15 V
T
J
= 175 °C
-0.61
-
mJ
E
off
(2)
Turn-off switching losses
-
0.84
-
mJ
E
ts
Total switching losses
-
1.45
-
mJ
1.
Energy losses include reverse recovery of the external diode. The diode is the same of the co-packed STGP30H60DF.
2.
Turn-off losses include also the tail of the collector current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com