Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP30H65F Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGP30H65F
Description  Low thermal resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP30H65F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGP30H65F Datasheet HTML 3Page - STMicroelectronics STGP30H65F Datasheet HTML 4Page - STMicroelectronics STGP30H65F Datasheet HTML 5Page - STMicroelectronics STGP30H65F Datasheet HTML 6Page - STMicroelectronics STGP30H65F Datasheet HTML 7Page - STMicroelectronics STGP30H65F Datasheet HTML 8Page - STMicroelectronics STGP30H65F Datasheet HTML 9Page - STMicroelectronics STGP30H65F Datasheet HTML 10Page - STMicroelectronics STGP30H65F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID025631 Rev 1
7/13
STGP30H65F
Electrical characteristics
Figure 8. VCE(sat) vs. junction temperature
Figure 9. VCE(sat) vs. collector current
Figure 10. Forward bias safe operating area
Figure 11. Thermal impedance
Figure 12. Gate charge vs. gate-emitter voltage
Figure 13. Capacitance variations vs. VCE
VCE(sat)
1.8
1.6
1.4
1.2
-50
0
TJ(°C)
100
(V)
50
2.0
2.2
150
2.4
2.6
2.8
3.0
IC=15A
IC=30A
IC=60A
AM17366v1
VGE=15V
VCE(sat)
1.8
1.6
1.4
1.2
10
20
IC(A)
40
(V)
30
2.0
2.2
50
2.4
2.6
2.8
3.0
TJ=-40°C
VGE=15V
TJ=25°C
TJ=175°C
3.2
1.
AM17367v1
IC
100
10
1
1
100
VCE(V)
10
(A)
(single pulse TC=25°C,
TJ<175°C, VGE=15V)
1µs
100µs
1ms
AM17370v1
10
-5
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
δ0
δ0.01
δ0.02
δ0.05
δ0.1
δ0.2
δ0.5
Zth=k Rthj-c
δ=tp/t
tp
t
ZthTO2T_B
VGE
8
6
4
2
0
Qg(nC)
100
(V)
50
10
VCC= 400V, IC=30A
12
14
16
0
AM17372v1
C
1000
100
0.1
VCE(V)
10
(pF)
1
10
Cies
Coes
Cres
AM17373v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com