Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP30H65F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGP30H65F
Description  Low thermal resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP30H65F Datasheet(HTML) 1 Page - STMicroelectronics

  STGP30H65F Datasheet HTML 1Page - STMicroelectronics STGP30H65F Datasheet HTML 2Page - STMicroelectronics STGP30H65F Datasheet HTML 3Page - STMicroelectronics STGP30H65F Datasheet HTML 4Page - STMicroelectronics STGP30H65F Datasheet HTML 5Page - STMicroelectronics STGP30H65F Datasheet HTML 6Page - STMicroelectronics STGP30H65F Datasheet HTML 7Page - STMicroelectronics STGP30H65F Datasheet HTML 8Page - STMicroelectronics STGP30H65F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
December 2013
DocID025631 Rev 1
1/13
13
STGP30H65F
Trench gate field-stop IGBT, H series
650 V, 30 A high speed
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• High speed switching
• Tight parameters distribution
• Safe paralleling
• Low thermal resistance
• Short-circuit rated
Applications
• Inverter
• UPS
• PFC
Description
This device is an IGBT developed using an
advanced proprietary trench gate and field stop
structure. This IGBT series offers the optimum
compromise between conduction and switching
losses, maximizing the efficiency of very high
frequency converters. Furthermore, a positive
V
CE(sat)
temperature coefficient and very tight
parameter distribution result in easier paralleling
operation.
1
2
3
TO-220
TAB
C (2, TAB)
G (1)
E (3)
Table 1. Device summary
Order codes
Marking
Package
Packaging
STGP30H65F
GP30H65F
TO-220
Tube
www.st.com


Similar Part No. - STGP30H65F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP30H60DF STMICROELECTRONICS-STGP30H60DF Datasheet
1Mb / 24P
600 V, 30 A high speed trench gate field-stop IGBT
20-Mar-2013
STGP30H60DFB STMICROELECTRONICS-STGP30H60DFB Datasheet
1Mb / 21P
Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
More results

Similar Description - STGP30H65F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
Low thermal resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
Low thermal resistance
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
Low thermal resistance
logo
M/A-COM Technology Solu...
MA4P504-1072 MA-COM-MA4P504-1072 Datasheet
677Kb / 5P
Low Thermal Resistance
logo
Sangdest Microelectroni...
ST3060DJF SMC-ST3060DJF Datasheet
131Kb / 4P
Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
Low thermal resistance
11-Apr-2017
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
Low thermal resistance
08-Apr-2014
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
Low thermal resistance
13-Jun-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com