Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP30H65F Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGP30H65F
Description  Low thermal resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP30H65F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGP30H65F Datasheet HTML 4Page - STMicroelectronics STGP30H65F Datasheet HTML 5Page - STMicroelectronics STGP30H65F Datasheet HTML 6Page - STMicroelectronics STGP30H65F Datasheet HTML 7Page - STMicroelectronics STGP30H65F Datasheet HTML 8Page - STMicroelectronics STGP30H65F Datasheet HTML 9Page - STMicroelectronics STGP30H65F Datasheet HTML 10Page - STMicroelectronics STGP30H65F Datasheet HTML 11Page - STMicroelectronics STGP30H65F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Electrical characteristics
STGP30H65F
8/13
DocID025631 Rev 1
Figure 14. Collector current vs. case
temperature
Figure 15. Switching losses vs. gate resistance
Figure 16. Switching losses vs. collector
current
Figure 17. Switching losses vs temperature
Figure 18. Short circuit time and current vs. VGE
IC
30
20
0
0
50
TCASE(°C)
100
(A)
25
75
40
50
VGE>15V
TJ<175°C
125
150
60
10
AM17363v1
E
1000
750
500
0
RG(
Ω)
20
(µJ)
10
VCC= 400V, VGE=15V
250
Eon
Eoff
40
30
IC= 30A, TJ=175°C
1250
1500
AM17374v1
E
1200
800
400
15
IC(A)
35
(µJ)
25
VCC= 400V, VGE=15V
0
Eon
Eoff
55
45
RG= 10
Ω, TJ=175°C
1600
2000
AM17375v1
E
600
500
400
25
TJ(°C)
75
(µJ)
50
VCC= 400V, VGE=15V
300
Eon
Eoff
125
100
RG= 10
Ω, IC=30A
700
800
150
AM17376v1
tsc
15
10
5
8
VGE(V)
12
(µs)
10
VCC= 360V, RG= 10
Ω
0
tSC
ISC
14
20
ISC(A)
150
100
50
0
200
300
250
350
400
450
AM17377v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com