Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6618 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV6618
Description  Video Switch Matrix for DVDs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6618 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV6618 Datasheet HTML 3Page - STMicroelectronics STV6618 Datasheet HTML 4Page - STMicroelectronics STV6618 Datasheet HTML 5Page - STMicroelectronics STV6618 Datasheet HTML 6Page - STMicroelectronics STV6618 Datasheet HTML 7Page - STMicroelectronics STV6618 Datasheet HTML 8Page - STMicroelectronics STV6618 Datasheet HTML 9Page - STMicroelectronics STV6618 Datasheet HTML 10Page - STMicroelectronics STV6618 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7/24
STV6618
ELECTRICAL CHARACTERISTICS
2
ELECTRICAL CHARACTERISTICS
2.1
Absolute Maximum Ratings
2.2
Thermal Data
2.3
Recommended Operating Conditions
TAMB = 25 °C, VCCV = 5 V, VDD = 5 V, ROUT_VREC = 4.7 kΩ, ROUT_VBUF = 150 Ω, unless otherwise
specified. Output impedances of sources: RGV = 75 Ω.
Symbol
Parameter
Value
Unit
VDD
Digital Section
6V
VCCV
Video Section
6V
VI
Voltage at Pin 1 to GND
- Video pins
- Bus pins, DIGOUT1,2,3 and C_GATE
0, 5.5
0, 5.5
V
VDIGOUT4-5-6
Voltage at pin DIGOUT4-5-6
0, 13
V
VESD
Maximum ESD voltage allowed. 100 pF capacitor discharged through
1.5 k
Ω serial resistor (Human Body Model)
±4
kV
TOPER
Operating Ambient Temperature
0, +70
°C
TSTG
Storage Temperature
-20, +150
°C
Symbol
Parameter
Value
Unit
RthJA
Junction-ambient Thermal Resistance (Maximum) on a single-layer
board
70
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Supply Voltages
VDD
Digital Supply Voltage
4.75
5.00
5.25
V
VCCV
Video Operating Supply Voltage
4.75
5.00
5.25
V
Active Mode (All channels ON)
IDD
Digital Supply Current
VDD = 5 V,
3.5
5.0
6.5
mA
ICCV
Total Video Supply Current
VCCV = 5 V, No Load
31
45
58
mA
Standby Mode (All channels OFF)
IDD
Digital Supply Current
VDD = 5 V
3.0
4.5
6.0
mA
ICCVSTD
Total Video Supply Current
VCC = 5 V
0.5
1.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com