Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6618 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV6618
Description  Video Switch Matrix for DVDs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6618 Datasheet(HTML) 1 Page - STMicroelectronics

  STV6618 Datasheet HTML 1Page - STMicroelectronics STV6618 Datasheet HTML 2Page - STMicroelectronics STV6618 Datasheet HTML 3Page - STMicroelectronics STV6618 Datasheet HTML 4Page - STMicroelectronics STV6618 Datasheet HTML 5Page - STMicroelectronics STV6618 Datasheet HTML 6Page - STMicroelectronics STV6618 Datasheet HTML 7Page - STMicroelectronics STV6618 Datasheet HTML 8Page - STMicroelectronics STV6618 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
September 2003
1/24
®
Main Features
s I²C Bus Control
s 5 Y/CVBS Inputs, 3 Y/CVBS Outputs
s 3 C Inputs, 1 C Output
s 2 RGB/YPrPb Inputs, 1 RGB/YPrPb Output
s 6 dB Gain on all 150
Ω Buffer Outputs
s Integrated 150
Ω Buffers
s Video Muting on all Outputs
s Bottom Clamp on all CVBS/Y, Average
Clamp on C Inputs, Bottom Clamp on RGB,
Sync-tip Clamp on PrPb signals
s Bandwidth: 17 MHz
s Crosstalk: 50 dB
Description
The STV6618 is a highly integrated I²C bus-
controlled video switch matrix, optimized for use in
recordable Digital Video Disk applications or DVD
players. It is adapted to video signals with 1H and
2H formats video routings. It provides required for
connections to two external devices (Europe 2
SCARTs), internal tuners, digital encoders and
recorders.
TQFP44
(10 x 10 x 1.4 mm)
(Thin Full Plastic Quad Flat Pack)
ORDER CODE: STV6618
STV6618
Video Switch Matrix for DVDs


Similar Part No. - STV6618

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6618 STMICROELECTRONICS-STV6618 Datasheet
391Kb / 24P
Video Switch Matrix for DVDs
24-May-2002
STV6618D STMICROELECTRONICS-STV6618D Datasheet
391Kb / 24P
Video Switch Matrix for DVDs
24-May-2002
More results

Similar Description - STV6618

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6410A STMICROELECTRONICS-STV6410A Datasheet
205Kb / 22P
AUDIO/VIDEO SWITCH MATRIX
Dec-1998
STV6411A STMICROELECTRONICS-STV6411A Datasheet
191Kb / 20P
AUDIO/VIDEO SWITCH MATRIX
Dec-1998
TEA6415C STMICROELECTRONICS-TEA6415C Datasheet
95Kb / 10P
BUS-CONTROLLED VIDEO MATRIX SWITCH
Jan-1996
STV6412A STMICROELECTRONICS-STV6412A Datasheet
472Kb / 24P
AUDIO/VIDEO SWITCH MATRIX
Sep-2003
STV6413 STMICROELECTRONICS-STV6413 Datasheet
626Kb / 28P
Audio/Video Switch Matrix
Feb-2004
TEA6417 STMICROELECTRONICS-TEA6417 Datasheet
283Kb / 7P
BUS-CONTROLLED VIDEO MATRIX SWITCH
logo
New Japan Radio
NJM2277 NJRC-NJM2277 Datasheet
110Kb / 15P
VIDEO SWITCH MATRIX
logo
STMicroelectronics
STV6412B STMICROELECTRONICS-STV6412B Datasheet
501Kb / 32P
Audio/video switch matrix
28-Jul-2008
STV6414A STMICROELECTRONICS-STV6414A Datasheet
483Kb / 32P
Audio/video switch matrix
26-Jun-2008
STV6618D STMICROELECTRONICS-STV6618D Datasheet
391Kb / 24P
Video Switch Matrix for DVDs
24-May-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com