Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6618 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV6618
Description  Video Switch Matrix for DVDs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6618 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV6618 Datasheet HTML 4Page - STMicroelectronics STV6618 Datasheet HTML 5Page - STMicroelectronics STV6618 Datasheet HTML 6Page - STMicroelectronics STV6618 Datasheet HTML 7Page - STMicroelectronics STV6618 Datasheet HTML 8Page - STMicroelectronics STV6618 Datasheet HTML 9Page - STMicroelectronics STV6618 Datasheet HTML 10Page - STMicroelectronics STV6618 Datasheet HTML 11Page - STMicroelectronics STV6618 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ELECTRICAL CHARACTERISTICS
STV6618
8/24
2.4
Video Section Characteristics
TAMB = 25 °C, VCCV = 5 V, VDD = 5 V, ROUT_VREC = 4.7 kΩ, ROUT_VBUF = 150 Ω, unless otherwise
specified. Output impedances of sources: RGV = 75 Ω.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDCIN_BOT
DC Input Level
Bottom Sync Pulse
1.9
2.0
2.2
V
ICLAMP_BOT
Clamping Current, Bottom clamp
at VDCIN - 400 mV
12
3
mA
ILEAK
Input Leakage Current
VIN = VDCIN + 1 V,
Bottom clamp input
15
µA
VDCIN_YSYNC
DC Input Level
Y input, YPrPb mode, Black Level
2.2
2.3
2.5
V
VDCIN_SYNC
DC Input Level
Sync clamp input (Pr,Pb)
Sync signal on Y input
2.9
3.0
3.1
V
ICLAMP_SYNC
Max. Clamping Current during Sync
Clamp
Sync clamp input (Pr,Pb)
at VDCIN - 400 mV
100
µA
CIN
Input Capacitance
2
pF
VIN
Maximum Input Signal
Y/CVBS, RGB
Pr, Pb
1.5
1.0
VPP
DYN
Dynamic Output Signal
Y/CVBS, RGB
Pr, Pb
3
2
VPP
BW
Bandwidth at -3 dB
Y/CVBS OUT
RGB OUT
Pr/Pb OUT
VIN = 0.7 VPP
VIN = 0.7 VPP
VIN = 0.7 VPP
14
14
14
17
17
17
MHz
Flatness
Video Band Gain Spread
(15 kHz to 5 MHz)
Y/CVBS OUT
RGB OUT
Pr/Pb OUT
VIN = 1 VPP
VIN = 1 VPP
VIN = 0.7 VPP
±0.5
±0.5
±0.5
dB
CTi
Crosstalk Isolation between Input
Channel
VIN = 1 VPP at 4.43 MHz on 1 point
541
60
dB
CTo
Crosstalk Isolation between Output
Channel
VIN = 1 VPP at 4.43 MHz on 1
point, RLOAD = 150 Ω
50
1
55
dB
ROUT
Output Resistance
5
10
Ω
G0V
Gain at video outputs (0 dB), recorder
output
VIN = 1 VPP and Gain = 0 dB at
1MHz
-0.5
0.0
0.5
dB
G6V
Gain at video outputs (6 dB)
VIN = 1 VPP and Gain = 6 dB at
1MHz
5.5
6.0
6.5
dB
RGBmatch
Gain matching Between RGB outputs
VIN = 0.7 VPP and Gain = 6 dB at
1MHz
-0.3
0.3
dB
DCOUTZY/CVSS
DC Output Voltage,
TV and AUX Y/CVBS outputs
Bottom Sync Pulse
2
Mute2
0.32
0.57
0.40
0.60
0.43
0.67
V
DCOUTREC
DC Output Voltage,
Recorder Y/CVBS Output
Bottom Sync Pulse
2
Mute2
1.2
1.3
1.3
1.4
1.4
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com