Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6618 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV6618
Description  Video Switch Matrix for DVDs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6618 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV6618 Datasheet HTML 11Page - STMicroelectronics STV6618 Datasheet HTML 12Page - STMicroelectronics STV6618 Datasheet HTML 13Page - STMicroelectronics STV6618 Datasheet HTML 14Page - STMicroelectronics STV6618 Datasheet HTML 15Page - STMicroelectronics STV6618 Datasheet HTML 16Page - STMicroelectronics STV6618 Datasheet HTML 17Page - STMicroelectronics STV6618 Datasheet HTML 18Page - STMicroelectronics STV6618 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15/24
STV6618
I²C BUS SELECTION
3.2
Power-on Reset: Bus Register Initial Conditions
Power-on Reset is active when supply VDD < 3.5 V. Non-significant bits (X) are pre-set to “0”.
Reg.
Addr
(Hex)
Description
Bits
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
03
C_Gate Output Control
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
1
Low Level
High Level
DIGOUT1
2
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
1
1
X
0
1
X
X
X
Low Level
Mid Level
High Level
DIGOUT2
2
X
X
X
X
X
X
X
X
X
0
1
1
X
0
1
X
X
X
X
X
X
X
X
X
Low Level
Mid Level
High Level
DIGOUT3
2
X
X
X
0
1
1
X
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Low Level
Mid Level
High Level
DIGOUT4 Control
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0 = Low Level
1 = High Level
04
ENC Inputs
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
1
Inputs Active
Inputs Disabled
TUN Inputs
1
X
X
X
X
X
X
X
X
X
X
X
X
0
1
X
X
Inputs Active
Inputs Disabled
TV Inputs
1
X
X
X
X
X
X
X
X
X
X
0
1
X
X
X
X
Inputs Active
Inputs Disabled
AUX Inputs
1
X
X
X
X
X
X
X
X
0
1
X
X
X
X
X
X
Inputs Active
Inputs Disabled
REC Outputs
1
X
X
X
X
X
X
0
1
X
X
X
X
X
X
X
X
Y/CVBSOUT_REC Outputs ON
Y/CVBSOUT_REC Outputs OFF
AUX Outputs
1
X
X
X
X
0
1
X
X
X
X
X
X
X
X
X
X
Y/CVBSOUT_AUX Outputs ON
Y/CVBSOUT_AUX Outputs OFF
COUT_AUX Output
1
X
X
0
1
X
X
X
X
X
X
X
X
X
X
X
X
COUT_AUX Outputs ON
COUT_AUX Outputs OFF (high imped.)
TV Outputs
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
TV Video Outputs ON
TV Video Outputs OFF
Full Stop
8
1
1
111
11
1
Only I²C bus supplied, and digital outputs
Reg.
Addr
(Hex)
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
00
0
000
00
00
Rec. CVBS output muted, TV CVBS output to Aux. CVBS input, Digital output
low level
01
0
000
00
00
Aux. CVBS output to TV CVBS input, Aux. Chroma output muted, Digital
output low level
02
0
000
00
00
FB output to Aux. FB input, TV RGB output to Aux. RGB inputs, RGB outputs
active
03
0
0
0
0
0
0
0
0
C_gate output low level, DIGOUT outputs low level
04
0
0
0
0
0
0
0
0
All inputs outputs active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com