Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6618 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STV6618
Description  Video Switch Matrix for DVDs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6618 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STV6618 Datasheet HTML 16Page - STMicroelectronics STV6618 Datasheet HTML 17Page - STMicroelectronics STV6618 Datasheet HTML 18Page - STMicroelectronics STV6618 Datasheet HTML 19Page - STMicroelectronics STV6618 Datasheet HTML 20Page - STMicroelectronics STV6618 Datasheet HTML 21Page - STMicroelectronics STV6618 Datasheet HTML 22Page - STMicroelectronics STV6618 Datasheet HTML 23Page - STMicroelectronics STV6618 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21/24
STV6618
APPLICATION DIAGRAMS
Figure 22: 2 SCART / RGB Signal Application
C24
100n
R8
75
C14
100n
Tuner C
R1
75
R10
75
R6
75
R28
C17
100n
DOut 1
C1
100n
R25
VCC
DOut 4
R11
75
DOut 5
C4
10µ
R19
10K
VCCB
All grounds must be linked un der the IC
VCC
C22
100n
C12
100n
C13
100n
C23
100n
R23
10K
R9
75
C18
10µ
R24
R4
75
C3
100n
SDA
R22
10K
R2
75
Q2
JFET N
AUX1
SCART
R13 to R18: expected loads
on Decoder outputs
SCL
VDD
C11
100n
C15
100n
C20
100n
R17
4K7
REC Y/CVBS
U1
STV6618
41
40
12
19
14
17
16
15
18
13
20
21
22
34
35
36
37
38
39
42
44
43
Y/CVBSIN_TV
CIN_TV
GND2
Y/CVBSIN_AUX
DigOUT4
R/Pr/CIN_AUX
DigOUT5
G/YIN_AUX
DigOUT6
B/PbIN_AUX
VCCB_REC
Y/CVBSOUT_REC
GNDB_REC
FBOUT_TV
FBIN_AUX
VDD
SCL
SDA
GNDD
DigOUT1
DigOUT2
CIN_TUN
C5
100n
R27
DOut 6
R3
75
R21
10K
C16
47n
C10
100n
12V
R20
10K
DOut 3
Tuner Y/CVBS
DOut 2
R26
C2
100n
C21
100n
C9
100n
C7
10µ
VCCB
R12
75
R29
TV1
SCART
R5
75
C19
100n
R7
75
Q1
JFET N
C8
100n
R18
10K
C6
100n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com