Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2665FIBZWT4 Datasheet(PDF) 142 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2665FIBZWT4
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIBZWT4 Datasheet(HTML) 142 Page - Texas Instruments

Back Button TNETV2665FIBZWT4 Datasheet HTML 138Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 139Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 140Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 141Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 142Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 143Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 144Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 145Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 146Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 6-7. C6424 EDMA Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x01C0 0464
Q1E9
Event Q1 Entry 9 Register
0x01C0 0468
Q1E10
Event Q1 Entry 10 Register
0x01C0 046C
Q1E11
Event Q1 Entry 11 Register
0x01C0 0470
Q1E12
Event Q1 Entry 12 Register
0x01C0 0474
Q1E13
Event Q1 Entry 13 Register
0x01C0 0478
Q1E14
Event Q1 Entry 14 Register
0x01C0 047C
Q1E15
Event Q1 Entry 15 Register
0x01C0 0480
Q2E0
Event Q2 Entry 0 Register
0x01C0 0484
Q2E1
Event Q2 Entry 1 Register
0x01C0 0488
Q2E2
Event Q2 Entry 2 Register
0x01C0 048C
Q2E3
Event Q2 Entry 3 Register
0x01C0 0490
Q2E4
Event Q2 Entry 4 Register
0x01C0 0494
Q2E5
Event Q2 Entry 5 Register
0x01C0 0498
Q2E6
Event Q2 Entry 6 Register
0x01C0 049C
Q2E7
Event Q2 Entry 7 Register
0x01C0 04A0
Q2E8
Event Q2 Entry 8 Register
0x01C0 04A4
Q2E9
Event Q2 Entry 9 Register
0x01C0 04A8
Q2E10
Event Q2 Entry 10 Register
0x01C0 04AC
Q2E11
Event Q2 Entry 11 Register
0x01C0 04B0
Q2E12
Event Q2 Entry 12 Register
0x01C0 04B4
Q2E13
Event Q2 Entry 13 Register
0x01C0 04B8
Q2E14
Event Q2 Entry 14 Register
0x01C0 04BC
Q2E15
Event Q2 Entry 15 Register
0x01C0 04C0 - 0x01C0 05FF
Reserved
0x01C0 0600
QSTAT0
Queue 0 Status Register
0x01C0 0604
QSTAT1
Queue 1 Status Register
0x01C0 0608
QSTAT2
Queue 2 Status Register
0x01C0 060C - 0x01C0 061F
Reserved
0x01C0 0620
QWMTHRA
Queue Watermark Threshold A Register for Q[2:0]
0x01C0 0624
–
Reserved
0x01C0 0640
CCSTAT
EDMA3CC Status Register
0x01C0 0644 - 0x01C0 0FFF
Reserved
142
Peripheral Information and Electrical Specifications
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com