Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2665FIBZWT4 Datasheet(PDF) 145 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2665FIBZWT4
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIBZWT4 Datasheet(HTML) 145 Page - Texas Instruments

Back Button TNETV2665FIBZWT4 Datasheet HTML 141Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 142Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 143Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 144Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 145Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 146Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 147Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 148Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 6-7. C6424 EDMA Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x01C0 2240
SECR
Secondary Event Clear Register
0x01C0 2244
SECRH
Secondary Event Clear Register High
0x01C0 2248 - 0x01C0 224C
-
Reserved
0x01C0 2250
IER
Interrupt Enable Register
0x01C0 2254
IERH
Interrupt Enable Register High
0x01C0 2258
IECR
Interrupt Enable Clear Register
0x01C0 225C
IECRH
Interrupt Enable Clear Register High
0x01C0 2260
IESR
Interrupt Enable Set Register
0x01C0 2264
IESRH
Interrupt Enable Set Register High
0x01C0 2268
IPR
Interrupt Pending Register
0x01C0 226C
IPRH
Interrupt Pending Register High
0x01C0 2270
ICR
Interrupt Clear Register
0x01C0 2274
ICRH
Interrupt Clear Register High
0x01C0 2278
IEVAL
Interrupt Evaluate Register
0x01C0 227C
-
Reserved
0x01C0 2280
QER
QDMA Event Register
0x01C0 2284
QEER
QDMA Event Enable Register
0x01C0 2288
QEECR
QDMA Event Enable Clear Register
0x01C0 228C
QEESR
QDMA Event Enable Set Register
0x01C0 2290
QSER
QDMA Secondary Event Register
0x01C0 2294
QSECR
QDMA Secondary Event Clear Register
0x01C0 2298 - 0x01C0 23FC
-
Reserved
0x01C0 2400 - 0x01C0 25FC
-
Reserved
0x01C0 2600 - 0x01C0 27FC
-
Reserved
0x01C0 2800 - 0x01C0 29FC
-
Reserved
0x01C0 2A00 - 0x01C0 2BFC
-
Reserved
0x01C0 2C00 - 0x01C0 2DFC
-
Reserved
0x01C0 2E00 - 0x01C0 2FFC
-
Reserved
0x01C0 2FFD - 0x01C0 3FFF
-
Reserved
0x01C0 4000 - 0x01C0 4FFF
-
Parameter Set RAM (see Table 6-8)
0x01C0 5000 - 0x01C0 7FFF
-
Reserved
0x01C0 8000 - 0x01C0 FFFF
-
Reserved
Transfer Controller 0 Registers
0x01C1 0000
-
Reserved
0x01C1 0004
TCCFG
EDMA3 TC0 Configuration Register
0x01C1 0008 - 0x01C1 00FF
-
Reserved
0x01C1 0100
TCSTAT
EDMA3 TC0 Channel Status Register
0x01C1 0104 - 0x01C1 0110
-
Reserved
0x01C1 0114 - 0x01C1 011F
-
Reserved
0x01C1 0120
ERRSTAT
EDMA3 TC0 Error Status Register
0x01C1 0124
ERREN
EDMA3 TC0 Error Enable Register
0x01C1 0128
ERRCLR
EDMA3 TC0 Error Clear Register
0x01C1 012C
ERRDET
EDMA3 TC0 Error Details Register
0x01C1 0130
ERRCMD
EDMA3 TC0 Error Interrupt Command Register
0x01C1 0134 - 0x01C1 013F
-
Reserved
0x01C1 0140
RDRATE
EDMA3 TC0 Read Command Rate Register
0x01C1 0144 - 0x01C1 01FF
-
Reserved
Copyright © 2007–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
145
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com