Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC02 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STBC02
Description  Li-Ion linear battery charger with LDO, load switches and reset generator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC02 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STBC02 Datasheet HTML 5Page - STMicroelectronics STBC02 Datasheet HTML 6Page - STMicroelectronics STBC02 Datasheet HTML 7Page - STMicroelectronics STBC02 Datasheet HTML 8Page - STMicroelectronics STBC02 Datasheet HTML 9Page - STMicroelectronics STBC02 Datasheet HTML 10Page - STMicroelectronics STBC02 Datasheet HTML 11Page - STMicroelectronics STBC02 Datasheet HTML 12Page - STMicroelectronics STBC02 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
STBC02
Pin configuration (top through view)
DocID029261 Rev 2
9/39
Bump
Bump
name
Description
Digital I/Os
nRESET
C2
Smart reset output signal (open drain output). A pull-up
resistor (10
– 100 kΩ) is connected to LDO pin or to a
higher voltage
RST_PENDING
B2
Reset output signal (totem pole output)
RESET_NOW
A1
Smart reset input signal (referred to LDO level);
RESET_CLEAR when watchdog is enabled
Switch matrix
SW1_I
F3
Load switch SPDT1
input (1.8 V to 5 V
range)
If SPDT switches are used,
decoupling capacitors are
recommended on input and
output. Capacitor values
depend on application
conditions and requirements.
If not used, connect inputs and
outputs to GND
SW1_OA
E4
Load switch SPDT1
output A
(enabled/disabled by
SWIRE)
SW1_OB
E3
Load switch SPDT1
output B
(enabled/disabled by
SWIRE)
SW2_I
E2
Load switch SPDT2
input (1.8 V to 5 V
range)
SW2_OA
F2
Load switch SPDT2
output A
(enabled/disabled by
SWIRE)
SW2_OB
F1
Load switch SPDT2
output B
(enabled/disabled by
SWIRE)
NC
C3-D3
Not connected
Leave floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com