Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC02 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STBC02
Description  Li-Ion linear battery charger with LDO, load switches and reset generator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC02 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STBC02 Datasheet HTML 7Page - STMicroelectronics STBC02 Datasheet HTML 8Page - STMicroelectronics STBC02 Datasheet HTML 9Page - STMicroelectronics STBC02 Datasheet HTML 10Page - STMicroelectronics STBC02 Datasheet HTML 11Page - STMicroelectronics STBC02 Datasheet HTML 12Page - STMicroelectronics STBC02 Datasheet HTML 13Page - STMicroelectronics STBC02 Datasheet HTML 14Page - STMicroelectronics STBC02 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
STBC02
Electrical characteristics
DocID029261 Rev 2
11/39
4
Electrical characteristics
VIN=5 V, VBAT=3.6 V, CLDO=1 µF, CBATT=4.7 µF, CIN=10 µF, CSYS=1 µF, RISET
=1 kΩ, SD=low,
CEN=high, RIPRE
=4.7 kΩ, TA=25 °C, SW_SEL=GND or LDO, RESET_NOW=GND or LDO,
WAKE-UP floating unless otherwise specified.
Table 5: Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
VFLOAT set 4.2 V,
IFAST < 250 mA
4.55
5.4
V
VFLOAT set 4.45 V,
IFAST < 450 mA, ISYS=ILDO=0
mA
4.75
5.4(1)
V
VINOVP
Input overvoltage
protection
VIN rising
5.6
6.0
6.4
V
VINOVPH
Input overvoltage
protection hysteresis
VIN falling
200
mV
VUVLO
Undervoltage lock-out
VIN falling
3.9
V
VUVLOH
Undervoltage lock-out
hysteresis
VIN rising
300
mV
IIN
IN supply current
Charger disabled mode
(CEN = low), ISYS=ILDO=0 A
600
μA
Charging, VHOT < VNTC <
VCOLD, including RISET
current
1.4
mA
VFLOAT
Battery floating voltage
IBAT=1 mA, BATSNS and
BATSNSFV short to
battery terminal
4.179
4.2
4.221
V
IBAT
BAT pin supply current
Battery-powered mode
(VIN<VUVLO), ILDO=0 A
4
8
µA
Charge terminated
9
12
µA
Shutdown mode (by
SWIRE)
10
50
nA
Over-discharge mode
(VBAT<VODC, VIN <VUVLO)
10
50
IFAST
Fast charge current
RISET
=430 Ω, constant-
current mode ILDO+
ISYS<150 mA
450
500
mA
RISET
=1 kΩ, constant-
current mode
200
IPRE
Pre-charge current
RIPRE
=10 kΩ, constant-
current mode
20
mA
VISET
ISET regulated voltage
1
V
VIPRE
IPRE regulated voltage
1
V
VPRE
Pre-charge to fast
charge battery voltage
threshold
Charger active
3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com