Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC02 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STBC02
Description  Li-Ion linear battery charger with LDO, load switches and reset generator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC02 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STBC02 Datasheet HTML 17Page - STMicroelectronics STBC02 Datasheet HTML 18Page - STMicroelectronics STBC02 Datasheet HTML 19Page - STMicroelectronics STBC02 Datasheet HTML 20Page - STMicroelectronics STBC02 Datasheet HTML 21Page - STMicroelectronics STBC02 Datasheet HTML 22Page - STMicroelectronics STBC02 Datasheet HTML 23Page - STMicroelectronics STBC02 Datasheet HTML 24Page - STMicroelectronics STBC02 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
STBC02
Functional pin description
DocID029261 Rev 2
21/39
6.9
LDO
LDO output voltage pin. The regulated voltage (it can be 3 V, 3.1 V, or 3.3 V) depends on
the selected STBC02 order code. The maximum current capability is anyhow 150 mA.
A 1 µF ceramic bypass capacitor must be connected to GND.
6.10
WAKE-UP
Wake-up input pin. To restore normal operations of the STBC02, so to exit from a
shutdown condition, connect the WAKE-UP pin to the battery voltage. The STBC02 is
enabled to operate in normal conditions again, only if the battery voltage is higher than
VODCR (3 V). A deglitch delay is implemented to prevent unwanted false operations. The
above-described WAKE-UP pin functionality is disabled when a valid VIN voltage source is
detected. The pin has an internal 50 kΩ pull-down resistor.
6.11
CHG
Active low, open drain charging/fault flag output pin. The CHG provides status information
about VIN voltage level, battery charging status and faults by toggling at different
frequencies as reported in the table below.
Table 8: CHG pin state
Device state
CHG pin state
Note
Not valid input (VIN <
VBAT or VIN > VINOVP
or VIN < VINUVLO)
High Z (high by
external pull-up)
In case of synchronous alarm events, the highest toggling
frequency has higher priority.
Example: NTC warning and EOC are concurrent events.
NTC warning, signaled by toggling CHG at 16.2 Hz is the
only signal available till the battery temperature goes back
to a safe range (0 °C to 45 °C). If an EOC condition is still
present then a 4.1 Hz toggling signal is present.
Valid input (VIN
>VINUVLO, VIN <
VINOVP, VBAT < VIN
and CEN low)
Low
End-of-charge
(EOC)
Toggling 4.1 Hz
(until USB is
disconnected)
Charging phase (pre
and fast)
Toggling 6.2 Hz
Overcharge fault
Toggling 8.2 Hz
Charging timeout
(pre-charge, fast
charge)
Toggling 10.2 Hz
Battery voltage
below VPRE after the
fast charge starts
Toggling 12.8 Hz
Charging thermal
limitation (thermal
warning)
Toggling 14.2 Hz
Battery temperature
fault (NTC warning)
Toggling 16.2 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com