Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC02 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STBC02
Description  Li-Ion linear battery charger with LDO, load switches and reset generator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC02 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STBC02 Datasheet HTML 15Page - STMicroelectronics STBC02 Datasheet HTML 16Page - STMicroelectronics STBC02 Datasheet HTML 17Page - STMicroelectronics STBC02 Datasheet HTML 18Page - STMicroelectronics STBC02 Datasheet HTML 19Page - STMicroelectronics STBC02 Datasheet HTML 20Page - STMicroelectronics STBC02 Datasheet HTML 21Page - STMicroelectronics STBC02 Datasheet HTML 22Page - STMicroelectronics STBC02 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
STBC02
Functional pin description
DocID029261 Rev 2
19/39
6
Functional pin description
6.1
GND, AGND
The STBC02 ground pins.
6.2
NTC
The battery temperature monitoring pin. Connect the battery NTC thermistor to this pin.
The charging cycle stops when the battery temperature is outside of the safe temperature
range (0 °C to 45 °C). When the charging cycle is completed, the NTC pin goes to a high
impedance state, therefore the NTC thermistor can be also used, together with an external
circuitry, to monitor the battery temperature while it is discharging. If the NTC thermistor is
not used, a 10 kΩ resistor must be connected to ensure proper IC operations.
6.3
ISET and IPRE
Fast and pre-charge current programming pins. Connect two resistors (RISET, RIPRE) to
ground to set the fast and pre-charge current (IFAST, IPRE) according to the following
equation (valid for IFAST, IPRE > 5 mA):
Equation 1:
���������������� =
��������������������
��������������������
∗ ����; �������������������� =
��������������������
��������������������
∗ ����
Where VISET = VIPRE = 1 V and K = 200. Fast charge and pre-charge currents can be
independently set from 1 mA to 450 mA. End-of-charge current value is typically 5% of the
fast charging current value being set.
For low charging current (IFAST, IPRE < 5 mA), the RISET and RIPRE values in following table
must be used.
Table 6: Charging current setting
IFAST, IPRE
RISET, RIPRE
5 mA
40.5 k
2 mA
110 k
1 mA
260 k
Both RISET and RIPRE must be always used. Short-circuit to ground or open circuit are not
allowed options.
6.4
BATMS
Battery voltage measurement. BATMS pin is internally shorted to the BATSNS pin during
normal conditions to monitor the battery voltage using external components (µC and
embedded ADC). The internal path from BATMS pin to the battery is opened in case any of
the following conditions occur: overcurrent, battery over-discharge, shutdown mode, short-
circuit on SYS or LDO. This function can be enabled / disabled by SWIRE. To minimize
overall system power consumption, this function must be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com