Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STBC02
Description  Li-Ion linear battery charger with LDO, load switches and reset generator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC02 Datasheet(HTML) 1 Page - STMicroelectronics

  STBC02 Datasheet HTML 1Page - STMicroelectronics STBC02 Datasheet HTML 2Page - STMicroelectronics STBC02 Datasheet HTML 3Page - STMicroelectronics STBC02 Datasheet HTML 4Page - STMicroelectronics STBC02 Datasheet HTML 5Page - STMicroelectronics STBC02 Datasheet HTML 6Page - STMicroelectronics STBC02 Datasheet HTML 7Page - STMicroelectronics STBC02 Datasheet HTML 8Page - STMicroelectronics STBC02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
December 2016
DocID029261 Rev 2
1/39
This is information on a product in full production.
www.st.com
STBC02
Li-Ion linear battery charger with LDO,
load switches and reset generator
Datasheet - production data
Features
Charges single-cell Li-Ion batteries with
CC/CV algorithm and charge termination
Fast charge current up to 450 mA
Pre-charge current from 1 mA to 450 mA
Adjustable floating voltage up to 4.45 V
Integrated low quiescent LDO regulator
Automatic power path management
Auto-recharge function
Embedded protection circuit module (PCM)
featuring battery overcharge, battery over-
discharge and battery overcurrent
protections
Charging timeout to terminate the charging
process for safety reasons
Shipping mode feature allows battery low
leakage when over-discharged
Very low battery leakage in over-discharge
and shutdown mode
Charge/fault status output
Battery voltage pin to allow external gauging
Two 3 Ω SPDT load switches
Reset generator triggered by USB detection
SWIRE allows the STBC02 functions to be
controlled
Available in Flip Chip 30, 400 um pitch
package
Rugged ±4 kV HBM, ESD protection on the
most critical pins
Applications
Smart watches and wearable devices
Fitness and medical accessories
Li-Ion and other Li-Poly battery rechargeable
equipment
Description
The STBC02 is a highly integrated power
management, embedding a linear battery
charger, a 150 mA LDO, 2 SPDT load switches, a
smart reset/watchdog block and a protection
circuit module (PCM) to prevent the battery from
being damaged under fault conditions.
The STBC02 uses a CC/CV algorithm to charge
the battery; the fast charge and the pre-charge
current can be both independently programmed
using dedicated resistors. The termination current
is set by default, being 5% of the programmed
fast charge current, but it can also be fixed to
different values. Likewise, the battery floating
voltage value is programmable and can be set to
a value up to 4.45 V.
The STBC02 also features a charger enable
input to stop the charging process anytime.
The STBC02 is automatically powered off from
the connected battery when the IN pin is not
connected to a valid power source (battery
mode).
A battery under/overtemperature condition can
be detected by using an external circuitry (NTC
thermistor).
The STBC02 draws less than 10 nA from the
connected battery in shipping mode conditions,
so to maximize the battery life during end product
shelf life. The device is available in the Flip Chip
30 package.


Similar Part No. - STBC02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBC03 STMICROELECTRONICS-STBC03 Datasheet
1Mb / 34P
Li-Ion linear battery charger with LDO and load switches
February 2017 Rev 2
STBC03 STMICROELECTRONICS-STBC03 Datasheet
307Kb / 4P
Li-Ion/Li-Po battery power management evaluation board based on STBC03
27-Sep-2017
STBC03JR STMICROELECTRONICS-STBC03JR Datasheet
1Mb / 34P
Li-Ion linear battery charger with LDO and load switches
February 2017 Rev 2
STBC08 STMICROELECTRONICS-STBC08 Datasheet
328Kb / 17P
800mA Standalone linear Li-Ion Battery charger with thermal regulation
04-Sep-2006
STBC08PMR STMICROELECTRONICS-STBC08PMR Datasheet
328Kb / 17P
800mA Standalone linear Li-Ion Battery charger with thermal regulation
04-Sep-2006
More results

Similar Description - STBC02

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6291 INTERSIL-ISL6291 Datasheet
357Kb / 11P
Li-ion/Li Polymer Linear Battery Charger
May 2, 2005
logo
STMicroelectronics
STBC03 STMICROELECTRONICS-STBC03 Datasheet
1Mb / 34P
Li-Ion linear battery charger with LDO and load switches
February 2017 Rev 2
logo
Renesas Technology Corp
ISL6291 RENESAS-ISL6291 Datasheet
548Kb / 11P
Li-ion/Li Polymer Linear Battery Charger
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
Linear Li-Ion Battery Charger
logo
Micro Analog systems
MAS6260 MAS-MAS6260 Datasheet
364Kb / 9P
Li-ion and LiPo battery charger with LDO
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
Linear Li-Ion Battery Charger
logo
SHOUDING Shouding Semic...
SD8001 SHOUDING-SD8001 Datasheet
1Mb / 11P
Linear Li-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4056F HMSEMI-HM4056F Datasheet
2Mb / 12P
Linear Li-Ion Battery Charger
HM4056G HMSEMI-HM4056G Datasheet
2Mb / 12P
Linear Li-Ion Battery Charger
HM4040DR HMSEMI-HM4040DR Datasheet
339Kb / 5P
Linear Li-ion battery charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com