Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFTHV42FX2637 Datasheet(PDF) 4 Page - AVX Corporation

Part # DFTHV42FX2637
Description  Medium Power Film Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

DFTHV42FX2637 Datasheet(HTML) 4 Page - AVX Corporation

  DFTHV42FX2637 Datasheet HTML 1Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 2Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 3Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 4Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 5Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 6Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 7Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 8Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
58
092315
Rth1 (°C/W)
Height
Width (mm)
(mm)
125
175
230/240
0.40
0.41
295/305
0.33
0.36
370/380
0.27
0.30
450/460
0.22
0.26
530/540
0.19
0.22
610/620
0.17
0.19
THERMAL RESISTANCES
PARASITIC INDUCTANCE VS SIZE
Rth2 (°C)
Natural air cooling
Forced air cooling >2m/s
Height
Width (mm)
Width (mm)
(mm)
125
175
125
175
230/240
0.3
0.26
0.15
0.13
295/305
0.25
0.21
0.13
0.11
370/380
0.2
0.18
0.1
0.09
450/460
0.17
0.15
0.09
0.08
530/540
0.15
0.13
0.08
0.07
610/620
0.13
0.11
0.07
0.06
Rth1 (°C/W): Thermal resistance
between hot spot and case
Ls (nH) FFHV resin top
Height
Width (mm)
(mm)
2 Connections
4 Connections
125
175
125
175
230
70
73
27
30
295
72
77
29
34
370
75
82
32
39
450
79
86
36
43
530
82
91
39
48
610
85
96
42
53
Ls (nH) FTHV hermetic case
Height
Width (mm)
(mm)
2 Connections
4 Connections
125
175
125
175
240
73
76
28
31
305
75
80
30
35
380
78
85
33
40
460
82
89
37
44
540
85
94
40
49
620
88
99
43
54
Measurement @ 1MHz
For confined area, capacitor working in a closed cabinet, a thermal test
under real conditions is necessary to evaluate the thermal resistance.
Rth2 (°C/W): Thermal resistance between case and ambient air
under natural convection and forced air
Medium Power Film Capacitors
FFHV/FTHV 1500Vdc to 3000Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com