Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFTHV42FX2637 Datasheet(PDF) 6 Page - AVX Corporation

Part # DFTHV42FX2637
Description  Medium Power Film Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

DFTHV42FX2637 Datasheet(HTML) 6 Page - AVX Corporation

Back Button DFTHV42FX2637 Datasheet HTML 2Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 3Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 4Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 5Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 6Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 7Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 8Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 9Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 10Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
60
092315
Medium Power Film Capacitors
FFHV/FTHV 1500Vdc to 3000Vdc
DIMENSIONS
2 FEMALE CONNECTIONS
4 FEMALE CONNECTIONS
General tolerances:
3
18 0,5
15 1
10
22,5
=
165 1
=
340
385 2
430
1
General tolerances:
3
18 0,5
15 1
10
22,5
=
80 1
80 1
80 1
=
340
385 2
430
2 MALE CONNECTIONS
MALE CONNECTIONS
General tolerances:
3
18 0,5
15 1
10
22,5
=
165 1
340
385 2
430
=
1
General tolerances:
3
18 0,5
15 1
10
22,5
=
80 1
80 1
80 1
=
340
385 2
430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com