Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFTHV42FX2637 Datasheet(PDF) 8 Page - AVX Corporation

Part # DFTHV42FX2637
Description  Medium Power Film Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

DFTHV42FX2637 Datasheet(HTML) 8 Page - AVX Corporation

Back Button DFTHV42FX2637 Datasheet HTML 4Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 5Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 6Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 7Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 8Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 9Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 10Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 11Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 12Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
62
092315
Medium Power Film Capacitors
FFHV/FTHV 1500Vdc to 3000Vdc
WEIGHT VS SIZE
Weight (kg) FFHV resin top
Height
Width (mm)
(mm)
2 Connections
4 Connections
125
175
125
175
230
13
17.5
13.5
18
295
17
22.5
17.5
23
370
21
27.5
21.5
28
450
25
33.5
25.5
34
530
29
39
29.5
39.5
610
33.5
44.5
34
45
Weight (kg) FTHV hermetic case
Height
Width (mm)
(mm)
2 Connections
4 Connections
125
175
125
175
240
14.5
19
15
19.5
305
18
24
18.5
24.5
380
22
29.5
22.5
30
460
26.5
35
27
35.5
540
30.5
40.5
31
41
620
34.5
46
35
46.5
DIMENSIONS
FEMALE CONNECTIONS (max torque 15Nm)
MALE CONNECTIONS (max torque 25Nm)
FEMALE TERMINAL (max torque 15Nm)
MALE TERMINAL (max torque 25Nm)
20 1
M8 depth 17-0+4
ø28±1
M8 depth 17-0+4
ø60±1
Creepage distance : 52mm
Air distance : 30mm
M12
ø28±1
ø60±1
Creepage distance : 52mm
Air distance : 30mm
M12
25 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com