Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFTHV42FX2637 Datasheet(PDF) 11 Page - AVX Corporation

Part # DFTHV42FX2637
Description  Medium Power Film Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

DFTHV42FX2637 Datasheet(HTML) 11 Page - AVX Corporation

Back Button DFTHV42FX2637 Datasheet HTML 5Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 6Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 7Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 8Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 9Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 10Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 11Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 12Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 13Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
65
092315
Part Number
Capacitance
Width
Height (
mm)
Rs
Irms Thermal 1 Irms Thermal 2
(μF)
(
mm)
FFHV
FTHV
(mΩ)
(A)
(A)
Un = 2500Vdc
DF*HV11°P0877
870
125
230
240
0,57
155
175
DF*HV21°P0877
870
125
230
240
0,50
160
185
DF*HV12°P1137
1130
125
295
305
0,48
200
225
DF*HV22°P1137
1130
125
295
305
0,41
205
235
DF*HV31°P1397
1390
175
230
240
0,80
160
175
DF*HV41°P1397
1390
175
230
240
0,71
165
185
DF*HV13°P1517
1510
125
370
380
0,41
245
255
DF*HV23°P1517
1510
125
370
380
0,34
260
290
DF*HV32°P1827
1820
175
295
305
0,65
195
215
DF*HV42°P1827
1820
175
295
305
0,56
205
230
DF*HV14°P1897
1890
125
450
460
0,37
255
255
DF*HV24°P1897
1890
125
450
460
0,30
305
345
DF*HV15°P2277
2270
125
530
540
0,35
255
255
DF*HV25°P2277
2270
125
530
540
0,28
350
400
DF*HV33°P2427
2420
175
370
380
0,55
235
255
DF*HV43°P2427
2420
175
370
380
0,46
250
280
DF*HV16°P2657
2650
125
610
620
0,33
255
255
DF*HV26°P2657
2650
125
610
620
0,26
400
400
DF*HV34°P3037
3030
175
450
460
0,49
255
255
DF*HV44°P3037
3030
175
450
460
0,40
295
330
DF*HV35°P3647
3640
175
530
540
0,46
255
255
DF*HV45°P3647
3640
175
530
540
0,37
340
375
DF*HV36°P4257
4250
175
610
620
0,43
255
255
DF*HV46°P4257
4250
175
610
620
0,34
380
400
Un = 2750Vdc
DF*HV11°W0717
710
125
230
240
0,61
145
165
DF*HV21°W0717
710
125
230
240
0,54
150
170
DF*HV12°W0937
930
125
295
305
0,51
185
210
DF*HV22°W0937
930
125
295
305
0,44
195
220
DF*HV31°W1147
1140
175
230
240
0,85
150
165
DF*HV41°W1147
1140
175
230
240
0,76
155
175
DF*HV13°W1247
1240
125
370
380
0,43
230
255
DF*HV23°W1247
1240
125
370
380
0,36
240
275
DF*HV32°W1497
1490
175
295
305
0,70
185
205
DF*HV42°W1497
1490
175
295
305
0,61
195
215
DF*HV14°W1557
1550
125
450
460
0,39
255
255
DF*HV24°W1557
1550
125
450
460
0,32
285
325
DF*HV15°W1867
1860
125
530
540
0,36
255
255
DF*HV25°W1867
1860
125
530
540
0,29
330
375
DF*HV33°W1997
1990
175
370
380
0,58
225
250
DF*HV43°W1997
1990
175
370
380
0,48
240
265
DF*HV16°W2177
2170
125
610
620
0,35
255
255
DF*HV26°W2177
2170
125
610
620
0,28
375
400
DF*HV34°W2497
2490
175
450
460
0,52
255
255
DF*HV44°W2497
2490
175
450
460
0,43
280
310
DF*HV35°W2997
2990
175
530
540
0,48
255
255
DF*HV45°W2997
2990
175
530
540
0,39
320
360
DF*HV36°W3487
3480
175
610
620
0,45
255
255
DF*HV46°W3487
3480
175
610
620
0,36
360
400
Medium Power Film Capacitors
FFHV/FTHV 1500Vdc to 3000Vdc
* Insert F for resin top or T for hermetic case
° Insert F for female terminals or M for male terminals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com