Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFTHV42FX2637 Datasheet(PDF) 12 Page - AVX Corporation

Part # DFTHV42FX2637
Description  Medium Power Film Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

DFTHV42FX2637 Datasheet(HTML) 12 Page - AVX Corporation

Back Button DFTHV42FX2637 Datasheet HTML 5Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 6Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 7Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 8Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 9Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 10Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 11Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 12Page - AVX Corporation DFTHV42FX2637 Datasheet HTML 13Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
66
092315
Part Number
Capacitance
Width
Height (
mm)
Rs
Irms Thermal 1 Irms Thermal 2
(μF)
(
mm)
FFHV
FTHV
(mΩ)
(A)
(A)
Un = 3000Vdc
DF*HV11°X0597
590
125
230
240
0,65
140
160
DF*HV21°X0597
590
125
230
240
0,58
145
165
DF*HV12°X0787
780
125
295
305
0,54
175
200
DF*HV22°X0787
780
125
295
305
0,47
180
205
DF*HV31°X0957
950
175
230
240
0,91
140
160
DF*HV41°X0957
950
175
230
240
0,82
145
165
DF*HV13°X1047
1040
125
370
380
0,45
215
245
DF*HV23°X1047
1040
125
370
380
0,38
225
255
DF*HV32°X1257
1250
175
295
305
0,75
175
195
DF*HV42°X1257
1250
175
295
305
0,66
185
205
DF*HV14°X1307
1300
125
450
460
0,41
255
255
DF*HV24°X1307
1300
125
450
460
0,34
270
305
DF*HV15°X1567
1560
125
530
540
0,38
255
255
DF*HV25°X1567
1560
125
530
540
0,31
315
355
DF*HV33°X1667
1660
175
370
380
0,62
215
240
DF*HV43°X1667
1660
175
370
380
0,53
225
250
DF*HV16°X1827
1820
125
610
620
0,36
255
255
DF*HV26°X1827
1820
125
610
620
0,29
355
400
DF*HV34°X2087
2080
175
450
460
0,55
250
255
DF*HV44°X2087
2080
175
450
460
0,46
270
295
DF*HV35°X2507
2500
175
530
540
0,50
255
255
DF*HV45°X2507
2500
175
530
540
0,41
310
340
DF*HV36°X2927
2920
175
610
620
0,47
255
255
DF*HV46°X2927
2920
175
610
620
0,38
345
385
Medium Power Film Capacitors
FFHV/FTHV 1500Vdc to 3000Vdc
* Insert F for resin top or T for hermetic case
° Insert F for female terminals or M for male terminals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com