Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1610H Datasheet(PDF) 7 Page - STMicroelectronics

Part # T1610H
Description  High thermal cycling performance
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1610H Datasheet(HTML) 7 Page - STMicroelectronics

  T1610H Datasheet HTML 1Page - STMicroelectronics T1610H Datasheet HTML 2Page - STMicroelectronics T1610H Datasheet HTML 3Page - STMicroelectronics T1610H Datasheet HTML 4Page - STMicroelectronics T1610H Datasheet HTML 5Page - STMicroelectronics T1610H Datasheet HTML 6Page - STMicroelectronics T1610H Datasheet HTML 7Page - STMicroelectronics T1610H Datasheet HTML 8Page - STMicroelectronics T1610H Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DocID024630 Rev 1
7/9
T1610H
Package information
Table 6. TO-220AB dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
15.20
15.90
0.598
0.625
a1
3.75
0.147
a2
13.00
14.00
0.511
0.551
B
10.00
10.40
0.393
0.409
b1
0.61
0.88
0.024
0.034
b2
1.23
1.32
0.048
0.051
C
4.40
4.60
0.173
0.181
c1
0.49
0.70
0.019
0.027
c2
2.40
2.72
0.094
0.107
e
2.40
2.70
0.094
0.106
F
6.20
6.60
0.244
0.259
ØI
3.75
3.85
0.147
0.151
I4
15.80
16.40
16.80
0.622
0.646
0.661
L
2.65
2.95
0.104
0.116
l2
1.14
1.70
0.044
0.066
l3
1.14
1.70
0.044
0.066
M
2.60
0.102



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com