Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1610H Datasheet(PDF) 3 Page - STMicroelectronics

Part # T1610H
Description  High thermal cycling performance
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1610H Datasheet(HTML) 3 Page - STMicroelectronics

  T1610H Datasheet HTML 1Page - STMicroelectronics T1610H Datasheet HTML 2Page - STMicroelectronics T1610H Datasheet HTML 3Page - STMicroelectronics T1610H Datasheet HTML 4Page - STMicroelectronics T1610H Datasheet HTML 5Page - STMicroelectronics T1610H Datasheet HTML 6Page - STMicroelectronics T1610H Datasheet HTML 7Page - STMicroelectronics T1610H Datasheet HTML 8Page - STMicroelectronics T1610H Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DocID024630 Rev 1
3/9
T1610H
Characteristics
Table 4. Static characteristics
Symbol
Test conditions
Value
Unit
VTM
ITM = 22.5 A, tp = 380 µs
Tj = 25 °C
MAX.
1.55
V
Vto
Threshold voltage
Tj = 150 °C
0.80
V
Rd
Dynamic resistance
Tj = 150 °C
22
m
IDRM,
IRRM
VD = VDRM, VR = VRRM
Tj = 25 °C
5
µA
Tj = 150 °C
2
mA
Table 5. Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
1.0
°C/W
Rth(j-a)
Junction to ambient (AC)
60
°C/W
Figure 1. Maximum power dissipation versus
average on-state current (full cycle)
Figure 2. On-state rms current versus case
temperature (full cycle)
P(W)
0
2
4
6
8
10
12
14
16
18
02468
10
12
14
16
I
(A)
T(RMS)
180°
I
(A)
T(RMS)
0
2
4
6
8
10
12
14
16
18
0
25
50
75
100
125
150
T (°C)
C
Figure 3. On-state rms current versus ambient
temperature (free air convection)
Figure 4. Relative variation of thermal
impedance versus pulse duration
I
(A)
T(RMS)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
50
75
100
125
150
T (°C)
a
K = [Z / R ]
th
th
1.0E-02
1.0E-01
1.0E+00
1.0E-03 1.0E-02
1.0E-01 1.0E+00 1.0E+01 1.0E+02 1.0E+03 1.0E+04
Z
th(j-c)
Z
th(j-a)
t (s)
p



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com