Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1610H Datasheet(PDF) 1 Page - STMicroelectronics

Part # T1610H
Description  High thermal cycling performance
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1610H Datasheet(HTML) 1 Page - STMicroelectronics

  T1610H Datasheet HTML 1Page - STMicroelectronics T1610H Datasheet HTML 2Page - STMicroelectronics T1610H Datasheet HTML 3Page - STMicroelectronics T1610H Datasheet HTML 4Page - STMicroelectronics T1610H Datasheet HTML 5Page - STMicroelectronics T1610H Datasheet HTML 6Page - STMicroelectronics T1610H Datasheet HTML 7Page - STMicroelectronics T1610H Datasheet HTML 8Page - STMicroelectronics T1610H Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
May 2013
DocID024630 Rev 1
1/9
9
T1610H
16 A Triac, high temperature and logic level
Datasheet
production data
Features
 Junction temperature up to 150 °C max.
 Logic level gate current: 10 mA
 Repetitive peak off-state voltage: 600 V
 High I
TSM
 High thermal cycling performance
Applications
 Electric heater
 Water heater, room heater
 Coffee machine
 Hand dryer
 Thermostat
Description
This clip technology Triac has very high thermal
cycling performance, and the design structure
presents a higher ITSM. The 150 °C maximum
junction temperature of this device offers easier
thermal management. Its 10 mA gate current
offers direct drive from a microcontroller, mainly
for resistive load control.
G
A2
A2
A1
TO-220AB
(T1610H-6T)
A2
A1
G
Table 1. Device summary
Order code
Package
VDRM,
VRRM
IGT
IT(RMS)
T1610H-6T
TO-220AB
600 V
10 mA
16 A
www.st.com


Similar Part No. - T1610H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1610 STMICROELECTRONICS-T1610 Datasheet
116Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
T1610 STMICROELECTRONICS-T1610 Datasheet
114Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
T1610 STMICROELECTRONICS-T1610 Datasheet
114Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
logo
Kersemi Electronic Co.,...
T1610 KERSEMI-T1610 Datasheet
347Kb / 6P
16 A Snubberless?? logic level and standard Triacs
logo
STMicroelectronics
T1610 STMICROELECTRONICS-T1610 Datasheet
217Kb / 18P
Snubberless™, logic level and standard 16 A Triacs
30-May-2018
More results

Similar Description - T1610H

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TR0636E-10026 HIROSE-TR0636E-10026 Datasheet
1Mb / 21P
IT3 Thermal Cycling Test Report
logo
NXP Semiconductors
BT152-800R NXP-BT152-800R_11 Datasheet
527Kb / 12P
High thermal cycling performance Very high current surge capability
Rev. 2-9 June 2011
logo
Dynex Semiconductor
DIM1500ASM33-TL001 DYNEX-DIM1500ASM33-TL001 Datasheet
381Kb / 8P
High Thermal Cycling Capability
logo
Infineon Technologies A...
FF600R12ME4A_B11 INFINEON-FF600R12ME4A_B11_15 Datasheet
649Kb / 9P
High Power and Thermal Cycling Capability
2015-09-09 revision:3.0
logo
SEMTECH ELECTRONICS LTD...
BT134T SEMTECH_ELEC-BT134T Datasheet
152Kb / 2P
For high thermal cycling performance
logo
Laird Tech Smart Techno...
TPUTTY-508 LSTD-TPUTTY-508 Datasheet
308Kb / 1P
Demonstrated thermal cycling stability
HT4 LSTD-HT4 Datasheet
578Kb / 2P
Thermal Cycling Durability
logo
WeEn Semiconductors
BT155W-1400T WEEN-BT155W-1400T Datasheet
538Kb / 13P
SCR High thermal cycling performance
logo
T-Global Technology
TG-A6200LC TGLOBAL-TG-A6200LC Datasheet
315Kb / 1P
High Performance Thermal Pad
Version18 20221026
TG-A38KF TGLOBAL-TG-A38KF Datasheet
505Kb / 1P
High Performance Thermal Pad
20230721
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com