Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1610H Datasheet(PDF) 2 Page - STMicroelectronics

Part # T1610H
Description  High thermal cycling performance
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1610H Datasheet(HTML) 2 Page - STMicroelectronics

  T1610H Datasheet HTML 1Page - STMicroelectronics T1610H Datasheet HTML 2Page - STMicroelectronics T1610H Datasheet HTML 3Page - STMicroelectronics T1610H Datasheet HTML 4Page - STMicroelectronics T1610H Datasheet HTML 5Page - STMicroelectronics T1610H Datasheet HTML 6Page - STMicroelectronics T1610H Datasheet HTML 7Page - STMicroelectronics T1610H Datasheet HTML 8Page - STMicroelectronics T1610H Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
T1610H
2/9
DocID024630 Rev 1
1
Characteristics
Table 2. Absolute maximum rating (Tj = 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
IT(RMS) On-state rms current (180° conduction angle)
Tc = 133 °C
16
A
ITSM
Non repetitive surge peak on-state current, Tj initial = 25 °C
tp = 16.7 ms
168
A
tp = 20ms
160
I²tI²t Value for fusing
tp = 10 ms
169
A²s
dI/dt
Critical rate of rise of on-state current, IG = 2 x IGT, tr  100 ns
F = 60 Hz
100
A/µs
VDRM,
VRRM
Repetitive peak off-state voltage
Tj = 150 °C
600
V
VDSM,
VRSM
Non repetitive peak off-state voltage
tp = 10 ms
700
V
IGM
Peak gate current
tp = 20 µs
4
A
PGM
Peak gate power dissipation
tp = 20 µs
10
W
PG(AV)
Average gate power dissipation
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
-40 to +150
°C
TL
Lead temperature for soldering during 10 s
260
°C
Table 3. Electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Test conditions
Quadrant
Value
Unit
IGT
VD = 12 V, RL = 33 
I - II - III
MIN.
0.5
mA
MAX.
10
mA
VGT
VD = 12 V, RL = 33 
I - II - III
MAX.
1.3
V
VGD
VD = VDRM, RL = 3.3 k Tj = 150 °C
I - II - III
MIN.
0.2
V
IH
IT = 500 mA, gate open
MAX.
15
mA
IL
IG = 1.2 IGT
I - II - III
MAX.
30
mA
dV/dt
VD = 67% x VDRM, VRRM, gate open
Tj = 150 °C
MIN.
100
V/µs
(dl/dt)c
(dV/dt)c = 0.1 V/µs
Tj = 150 °C
MIN.
8.5
A/ms
(dV/dt)c = 10 V/µs
3
tgt
ITM = 13 A, VD = 400 V, IG = 100 mA,
dIG/dt = 100 mA/µs, RL = 30 
TYP.
2
µs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com