Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1610H Datasheet(PDF) 5 Page - STMicroelectronics

Part # T1610H
Description  High thermal cycling performance
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1610H Datasheet(HTML) 5 Page - STMicroelectronics

  T1610H Datasheet HTML 1Page - STMicroelectronics T1610H Datasheet HTML 2Page - STMicroelectronics T1610H Datasheet HTML 3Page - STMicroelectronics T1610H Datasheet HTML 4Page - STMicroelectronics T1610H Datasheet HTML 5Page - STMicroelectronics T1610H Datasheet HTML 6Page - STMicroelectronics T1610H Datasheet HTML 7Page - STMicroelectronics T1610H Datasheet HTML 8Page - STMicroelectronics T1610H Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DocID024630 Rev 1
5/9
T1610H
Characteristics
Figure 13. Relative variation of leakage current versus junction temperature for different values of
blocking voltage (typical values)
Figure 11. Non repetitive surge peak on-state
current for a sinusoidal pulse with width
tp < 10 ms, and corresponding value of I²t
Figure 12. On-state characteristics (maximum
values)
I
(A), I²t (A²s)
TSM
10
100
1000
10000
0.01
0.10
1.00
10.00
dI/dt limitation: 100 A/µs
ITSM
I²t
Tj initial=25 °C
t (ms)
p
sinusoidal pulse with width t <10 ms
p
ITM (A)
1
10
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Tj max :
Vto = 0.80 V
Rd = 22 m
\
Tj=25 °C
Tj=150 °C
VTM (V)
I
, I
[T ; V
, V
] / I
, I
[T = 150 °C; 600 V]
DRM
RRM
j
DRM
RRM
DRM
RRM
j
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
25
50
75
100
125
150
VDRM=VRRM=600 V
VDRM=VRRM=400 V
VDRM=VRRM=200 V
T (°C)
j



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com