Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST1S31HF Datasheet(PDF) 13 Page - STMicroelectronics

Part # AST1S31HF
Description  Internal soft-start and enable
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AST1S31HF Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AST1S31HF Datasheet HTML 9Page - STMicroelectronics AST1S31HF Datasheet HTML 10Page - STMicroelectronics AST1S31HF Datasheet HTML 11Page - STMicroelectronics AST1S31HF Datasheet HTML 12Page - STMicroelectronics AST1S31HF Datasheet HTML 13Page - STMicroelectronics AST1S31HF Datasheet HTML 14Page - STMicroelectronics AST1S31HF Datasheet HTML 15Page - STMicroelectronics AST1S31HF Datasheet HTML 16Page - STMicroelectronics AST1S31HF Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
DocID026968 Rev 2
13/33
AST1S31HF
Functional description
33
Equation 4
where:
Equation 5
Sn represents the ON time slope of the sensed inductor current, Se the slope of the external
ramp (VPP peak-to-peak amplitude - 0.55 V) that implements the slope compensation to
avoid sub-harmonic oscillations at the duty cycle over 50%.
The sampling effect contribution FH(s) is:
Equation 6
where:
Equation 7
and:
Equation 8
The resistor to adjust the output voltage gives the term from output voltage to the FB pin.
GDIV(s) is:
Equation 9
The transfer function from FB to Vc (output of E/A) introduces the singularities (poles and
zeroes) to stabilize the loop. In Figure 6 the small signal model of the error amplifier with the
internal compensation network is shown.
p
1
RLOAD COUT
--------------------------------------
mC 1D
–
 0.5
–
LCOUT fSW

---------------------------------------------
+
=
mC
1
Se
Sn
------
+
=
Se
Vpp fSW
=
Sn
VIN VOUT
–
L
------------------------------ Ri
=
FH s

1
1
s
n QP
-------------------
s
2
n
2
------
++
-------------------------------------------
=
QP
1
 m
C
1D
–
 0.5
–

----------------------------------------------------------
=
n
 f
SW
=
GDIV s

R2
R1 R2
+
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com