Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST1S31HF Datasheet(PDF) 31 Page - STMicroelectronics

Part # AST1S31HF
Description  Internal soft-start and enable
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AST1S31HF Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AST1S31HF Datasheet HTML 25Page - STMicroelectronics AST1S31HF Datasheet HTML 26Page - STMicroelectronics AST1S31HF Datasheet HTML 27Page - STMicroelectronics AST1S31HF Datasheet HTML 28Page - STMicroelectronics AST1S31HF Datasheet HTML 29Page - STMicroelectronics AST1S31HF Datasheet HTML 30Page - STMicroelectronics AST1S31HF Datasheet HTML 31Page - STMicroelectronics AST1S31HF Datasheet HTML 32Page - STMicroelectronics AST1S31HF Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
DocID026968 Rev 2
31/33
AST1S31HF
Package information
33
10.1
VFDFPN8 (3 x 3 x 1.0 mm)
package information
Figure 19. VFDFPN8 (3 x 3 x 1.0 mm) package outline
Table 10. VFDFPN8 (3 x 3 x 1.0 mm) package mechanical data
Symbol
Dimensions (mm)
Dimensions (inch)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
0.90
1.00
0.0315
0.0354
0.0394
A1
0.0
0.05
0.0
0.0020
b
0.25
0.30
0.35
0.0098
0.0118
0.0138
D
3.00
0.1181
D2
2.234
2.384
2.484
0.0878
0.0937
0.0976
E
3.00
0.1181
E2
1.496
1.646
1.746
0.0589
0.0648
0.0687
e
0.65
0.0256
L
0.30
0.40
0.50
0.0118
0.0157
0.0197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com