Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST1S31HF Datasheet(PDF) 18 Page - STMicroelectronics

Part # AST1S31HF
Description  Internal soft-start and enable
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AST1S31HF Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AST1S31HF Datasheet HTML 14Page - STMicroelectronics AST1S31HF Datasheet HTML 15Page - STMicroelectronics AST1S31HF Datasheet HTML 16Page - STMicroelectronics AST1S31HF Datasheet HTML 17Page - STMicroelectronics AST1S31HF Datasheet HTML 18Page - STMicroelectronics AST1S31HF Datasheet HTML 19Page - STMicroelectronics AST1S31HF Datasheet HTML 20Page - STMicroelectronics AST1S31HF Datasheet HTML 21Page - STMicroelectronics AST1S31HF Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Functional description
AST1S31HF
18/33
DocID026968 Rev 2
Figure 8. Overcurrent protection region
6.5
Enable function
The enable feature allows to put the device into the standby mode. With the EN pin lower
than 0.4 V, the device is disabled and the power consumption is reduced to less than 10
A.
With the EN pin higher than 1.2 V, the device is enabled. If the EN pin is left floating, an
internal pull-down ensures that the voltage at the pin reaches the inhibit threshold and the
device is disabled. The pin is also VIN compatible.
6.6
Light-load operation
With the peak current mode control loop the output of the error amplifier is proportional to
the load current. The AST1S31HF increases light-load efficiency, when the output of the
error amplifier falls below a certain threshold, the high-side turn-on is prevented.
This mechanism reduces the switching frequency at the light-load in order to save the
switching losses.
6.7
Hysteretic thermal shutdown
The thermal shutdown block generates a signal that turns off the power stage if the junction
temperature goes above 150
°C. Once the junction temperature goes back to about 130 °C,
the device restarts into the normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com