Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST1S31HF Datasheet(PDF) 25 Page - STMicroelectronics

Part # AST1S31HF
Description  Internal soft-start and enable
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AST1S31HF Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AST1S31HF Datasheet HTML 21Page - STMicroelectronics AST1S31HF Datasheet HTML 22Page - STMicroelectronics AST1S31HF Datasheet HTML 23Page - STMicroelectronics AST1S31HF Datasheet HTML 24Page - STMicroelectronics AST1S31HF Datasheet HTML 25Page - STMicroelectronics AST1S31HF Datasheet HTML 26Page - STMicroelectronics AST1S31HF Datasheet HTML 27Page - STMicroelectronics AST1S31HF Datasheet HTML 28Page - STMicroelectronics AST1S31HF Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
DocID026968 Rev 2
25/33
AST1S31HF
Demonstration board
33
8
Demonstration board
Figure 11. Demonstration board schematic
AST1S31HF
U1
FB
3
AGND
4
VIN_SW
6
VIN_A
1
EN
2
SW
7
PGND
8
PGOOD
5
VIN
C3
1uF
C1
47uF
L1
0.91uH
R3
10K
R1
100K
R2
200K
C2
22uF
VOUT
Table 9. Component list
Reference
Part number
Description
Manufacturer
U1
AST1S31HF
STM
L1
DRA73 1R0 R
0.91 µH, Isat = 8.22 A
Coiltronics
C1
GCM32ER70J476ME16
47 µF 6.3 V X7R
MURATA
C2
GCM32ER71A226KE12
22 µF 10 V X7R
MURATA
C3
1 µF 25 V X7R
C4
NC
R1
100 k
1%
R2
200 k
 1%
R3
10 k
 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com