Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST1S31HF Datasheet(PDF) 14 Page - STMicroelectronics

Part # AST1S31HF
Description  Internal soft-start and enable
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AST1S31HF Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AST1S31HF Datasheet HTML 10Page - STMicroelectronics AST1S31HF Datasheet HTML 11Page - STMicroelectronics AST1S31HF Datasheet HTML 12Page - STMicroelectronics AST1S31HF Datasheet HTML 13Page - STMicroelectronics AST1S31HF Datasheet HTML 14Page - STMicroelectronics AST1S31HF Datasheet HTML 15Page - STMicroelectronics AST1S31HF Datasheet HTML 16Page - STMicroelectronics AST1S31HF Datasheet HTML 17Page - STMicroelectronics AST1S31HF Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Functional description
AST1S31HF
14/33
DocID026968 Rev 2
Figure 6. Small signal model for the error amplifier
RC and CC introduce a pole and a zero in the open loop gain. CP does not significantly affect
system stability and can be neglected.
So GEA(s) results:
Equation 10
Where GEA = Gm · Ro.
The poles of this transfer function are (if Cc >> C0 + CP):
Equation 11
Equation 12
whereas the zero is defined as:
Equation 13
The embedded compensation network is RC = 80 k, CC = 55 pF while CP and CO can be
considered as negligible. The error amplifier output resistance is 98 M
so the relevant
singularities are:
Equation 14
Co
Ro
Cc
Cc
Cp
Gm*Vd
VFB
VREF
Vd
Rc
GEA s

GEA0 1s
+
Rc Cc


s
2 R
0
C0 Cp
+
 R
c Cc
sR0 Cc
R0 C0 Cp
+
 R
c Cc
+
+
 1
+
+

-----------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=
fP LF
1
2
 R
0 Cc

----------------------------------
=
fP HF
1
2
 R
c
C0 Cp
+


----------------------------------------------------
=
fZ
1
2
 R
c Cc

---------------------------------
=
fZ
36 2 kHz
=
fP LF
13 6 Hz
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com