Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MC6GJ Datasheet(PDF) 10 Page - STMicroelectronics

Part # L99MC6GJ
Description  Automotive configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6GJ Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L99MC6GJ Datasheet HTML 6Page - STMicroelectronics L99MC6GJ Datasheet HTML 7Page - STMicroelectronics L99MC6GJ Datasheet HTML 8Page - STMicroelectronics L99MC6GJ Datasheet HTML 9Page - STMicroelectronics L99MC6GJ Datasheet HTML 10Page - STMicroelectronics L99MC6GJ Datasheet HTML 11Page - STMicroelectronics L99MC6GJ Datasheet HTML 12Page - STMicroelectronics L99MC6GJ Datasheet HTML 13Page - STMicroelectronics L99MC6GJ Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
Introduction
L99MC6GJ
10/55
DocID026835 Rev 3
Table 2. Pin functions
Pin
Symbol
Function
1 / TAB
GND
Ground
:
Reference potential
6IN/PWM
IN/PWM direct mode:
Direct input for channel 2. Other channels can be driven in PWM mode via SPI.
8VCC
Logic voltage supply 3.3 V/5 V:
For this input a ceramic capacitor as close as possible to GND is recommended
3
SRC1
Source of configurable channel 1
4
DRN1
Drain of self configurable channel 1, in HS mode also VS supply
5
DRN2
Drain of self configurable channel 2
15
SRC2
Source of self configurable channel 2
12
DRN3
Drain of self configurable channel 3
13
SRC3
Source of self configurable channel 3
2
DRN4
Drain of channel 4
16
DRN5
Drain of channel 5
14
DRN6
Drain of channel 6
11
DI
SPI data in:
The input requires CMOS logic levels and receives serial data from the
microcontroller. The data is a 16-bit control word and the most significant bit
(MSB, bit 7) is transferred first.
9DO
SPI data out:
The diagnosis data is available via the SPI and this tristate-output. The output
remains in tristate, if the chip is not selected by the input CSN (CSN = high).
7CSN
SPI chip select not (active low):
This input is low active and requires CMOS logic levels. The serial data transfer
between the L99MC6GJ and microcontroller is enabled by pulling the input CSN
to low-level.
10
SCK
SPI serial clock input:
This input controls the internal shift register of the SPI and requires CMOS logic
levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com