Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MC6GJ Datasheet(PDF) 37 Page - STMicroelectronics

Part # L99MC6GJ
Description  Automotive configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6GJ Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L99MC6GJ Datasheet HTML 33Page - STMicroelectronics L99MC6GJ Datasheet HTML 34Page - STMicroelectronics L99MC6GJ Datasheet HTML 35Page - STMicroelectronics L99MC6GJ Datasheet HTML 36Page - STMicroelectronics L99MC6GJ Datasheet HTML 37Page - STMicroelectronics L99MC6GJ Datasheet HTML 38Page - STMicroelectronics L99MC6GJ Datasheet HTML 39Page - STMicroelectronics L99MC6GJ Datasheet HTML 40Page - STMicroelectronics L99MC6GJ Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
DocID026835 Rev 3
37/55
L99MC6GJ
SPI control and status register
52
9.4
Examples
9.4.1
Example 1:Switch on channel 1
It is assumed that the charge pump is already activated (ENCP1 = 1 and DISCP2 = 0, POR
default)
From Table 31 and Table 32 follow that the value 01h is written at RAM address 02h (control
register 2).
Table 33
describe more in detail the data byte structure.
Hereafter the actions linked to each value of bit or group of bits:
DISCP = 0
: Charge pump stays activated
CH4[2:0] = 000b
: Channel 4 is off, open-load detection in off-state disabled
BRIDGE_1&4 = 0
: Bridge mode disabled
CH4[2:0] = 001b
: Channel 1 is on, high slew rate, PWM not activated, overcurrent
recovery deactivated.
Table 31. Command byte - example 1
MSB
LSB
Operating code
Address
00
0
0
0
0
1
0
Table 32. Data byte - example 1
MSB
LSB
0
0
000
0
0
1
Table 33. Data byte description - example 1
DISCP
CH4
[2]
CH4
[1]
CH4
[0]
Bridge
1&4
CH1
[2]
CH1
[1]
CH1
[0]
00
000
00
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com