Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MC6GJ Datasheet(PDF) 31 Page - STMicroelectronics

Part # L99MC6GJ
Description  Automotive configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6GJ Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L99MC6GJ Datasheet HTML 27Page - STMicroelectronics L99MC6GJ Datasheet HTML 28Page - STMicroelectronics L99MC6GJ Datasheet HTML 29Page - STMicroelectronics L99MC6GJ Datasheet HTML 30Page - STMicroelectronics L99MC6GJ Datasheet HTML 31Page - STMicroelectronics L99MC6GJ Datasheet HTML 32Page - STMicroelectronics L99MC6GJ Datasheet HTML 33Page - STMicroelectronics L99MC6GJ Datasheet HTML 34Page - STMicroelectronics L99MC6GJ Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
DocID026835 Rev 3
31/55
L99MC6GJ
Functional description of the SPI
52
The <Global Error Flag> is generated by an OR-combination of all failure events of the
device (that is <Global Status Register>, [0:6]).
Figure 13. Indication of the global error flag on DO when CSN is low and SCK is stable
1. The last transferred SPI command is still valid in the input shift register. If SCK is stable (high or low) during a CSN low
pulse, at the rising edge of CSN the last transferred SPI command is still valid in the input shift register and is repeated.
Therefore, it is recommended to send a complete SPI frame to monitor the status of the L99MC6GJ.
Writing to the selected data input register is only enabled if exactly one frame length is
transmitted within one communication frame (that is CSN low). If more or less clock pulses
are counted within one frame, the complete frame is ignored and a SPI frame error is
signaled in the Global Status register. This safety function is implemented to avoid
an unwanted activation of output stages by a wrong communication frame.
6
Communication error
Active high
Bit is set if the number of clock cycles during
CSN = low does not match with the specified
frame width or if an invalid bus condition is
detected (DI always 1).
DI always 0 automatically leads to clearing the
enable bit in CTRL0 and is not signaled as
communication error.
7
Global Error flag
Active high
Logic OR combination of all failures in the
<Global Status Byte>.
Table 17. Global status register description (continued)
Bit
Description
Polarity
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com