Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MC6GJ Datasheet(PDF) 38 Page - STMicroelectronics

Part # L99MC6GJ
Description  Automotive configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6GJ Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L99MC6GJ Datasheet HTML 34Page - STMicroelectronics L99MC6GJ Datasheet HTML 35Page - STMicroelectronics L99MC6GJ Datasheet HTML 36Page - STMicroelectronics L99MC6GJ Datasheet HTML 37Page - STMicroelectronics L99MC6GJ Datasheet HTML 38Page - STMicroelectronics L99MC6GJ Datasheet HTML 39Page - STMicroelectronics L99MC6GJ Datasheet HTML 40Page - STMicroelectronics L99MC6GJ Datasheet HTML 41Page - STMicroelectronics L99MC6GJ Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
SPI control and status register
L99MC6GJ
38/55
DocID026835 Rev 3
9.4.2
Example 2: Bridge mode configuration
From Table 34 and Table 35 follow that the value A8h is written at RAM address 01h
(control register 1).
Table 36
describe more in detail the data byte structure.
Hereafter the actions linked to each value of bit or group of bits:
ENCP = 1
: Charge pump stays activated
CH5[2:0] = 010b
: Channel 5 is on, PWM disabled, overcurrent recovery mode
disabled, low slew rate
BRIDGE_2&5 = 1
: Bridge mode for channel 2 and channel 5 activated
CH2[2:0] = 000b
: Channel 2 is off, open-load detection in off-state disabled
From Table 37 and Table 38 follow that the value 0Ah is written at RAM address 02h
(control register 2).
Table 39
describe more in detail the data byte structure.
Table 34. Command byte 1 - example 2
MSB
LSB
Operating code
Address
00
0
0
0
0
0
1
Table 35. Data byte 1 - example 2
MSB
LSB
1
0
101
0
0
0
Table 36. Data byte description 1 - example 2
ENCP
CH5
[2]
CH5
[1]
CH5
[0]
Bridge
2&5
CH2
[2]
CH2
[1]
CH2
[0]
10
101
00
0
Table 37. Command byte 2 - example 2
MSB
LSB
Operating code
Address
00
0
0
0
0
1
0
Table 38. Data byte 2 - example 2
MSB
LSB
0
0
001
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com