Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MC6GJ Datasheet(PDF) 51 Page - STMicroelectronics

Part # L99MC6GJ
Description  Automotive configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6GJ Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L99MC6GJ Datasheet HTML 47Page - STMicroelectronics L99MC6GJ Datasheet HTML 48Page - STMicroelectronics L99MC6GJ Datasheet HTML 49Page - STMicroelectronics L99MC6GJ Datasheet HTML 50Page - STMicroelectronics L99MC6GJ Datasheet HTML 51Page - STMicroelectronics L99MC6GJ Datasheet HTML 52Page - STMicroelectronics L99MC6GJ Datasheet HTML 53Page - STMicroelectronics L99MC6GJ Datasheet HTML 54Page - STMicroelectronics L99MC6GJ Datasheet HTML 55Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 51 / 55 page
background image
DocID026835 Rev 3
51/55
L99MC6GJ
Package and packing information
52
Table 49. PowerSSO-16 mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
Θ
0°
8°
Θ10°
Θ2
5°
15°
Θ3
5°
15°
A
1.70
A1
0.00
0.10
A2
1.10
1.60
b
0.20
0.30
b1
0.20
0.25
0.28
c
0.19
0.25
c1
0.19
0.20
0.23
D
4.90 BSC
D1
3.60
4.20
e
0.50 BSC
E
6.00 BSC
E1
3.90 BSC
E2
1.90
2.50
h
0.25
0.50
L
0.40
0.60
0.85
L1
1.00 REF
N16
R0.07
R1
0.07
S0.20
Tolerance of form and position
aaa
0.10
bbb
0.10
ccc
0.08
ddd
0.08
eee
0.10
fff
0.10
ggg
0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com