Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6995S Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6995S
Description  LOSSLESS CURRENT LIMIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6995S Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6995S Datasheet HTML 10Page - STMicroelectronics L6995S Datasheet HTML 11Page - STMicroelectronics L6995S Datasheet HTML 12Page - STMicroelectronics L6995S Datasheet HTML 13Page - STMicroelectronics L6995S Datasheet HTML 14Page - STMicroelectronics L6995S Datasheet HTML 15Page - STMicroelectronics L6995S Datasheet HTML 16Page - STMicroelectronics L6995S Datasheet HTML 17Page - STMicroelectronics L6995S Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
L6995S
14/26
Table 8. PCB Layout guidelines
Table 9. Component list
The component list is shared in two sections: the first for the general-purpose component, the second for power
section:
GENERAL-PURPOSE SECTION
Goal
Suggestion
Low radiation and low magnetic coupling
with the adjacent circuitry.
1) Small switching current loop areas. (For example placing CIN, High
Side and Low side MOSFETS, Shottky diode as close as possible).
2) Controller placed as close as possible to the power MOSFET.
3) Group the gate drive component (Boot cap and diode together near
the IC.
Don’t penalty the efficiency.
Keep power traces and load connections short and wide.
Ensure high accuracy in the current sense
system.
Phase pin and PGND pin must be made with Kelvin connection and as
close as possible to the Low Side MOSFETS.
Reduce the noise effect on IC.
1) Put the feedback component (like output divider, integrator network,
etc) as close as possible to the IC.
2) The feedback traces must be parallel and as close as possible.
Moreover they must be routed as far as possible from the switching
current loops.
3) Make the controller ground connection like the figure 19.
Part name
Value
Dimension
Notes
RESISTOR
R1
100
Ω
0603
Output resistor divider for the
linear regulator.
R2
300
Ω
0603
R3
560k
Ω
0603
Input resistor divider
(To set switching frequency)
R4
33k
Ω
0603
R5
47
Ω
0603
R6, R7, R11, R12
33k
Ω
0603
R8
47k
Ω
0603
Current limit resistor
(To set current limit)
R9
390
Ω
0603
Output resistor divider
(To set output voltage)
R10
1K
Ω
0603
R13
220
Ω
0603
CAPACITOR
C1
220nF
0805
C2
47
µF
KEMET-16V
C3
220nF
0805
C4
330pF
0603
First integrator capacitor
C5
47pF
0603
C6
10nF
0603
C7
N.M.
0603
Second integrator capacitor
C19
220nF
0805
C20
220nF
0603
Softstart capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com