Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6995S Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6995S
Description  LOSSLESS CURRENT LIMIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6995S Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6995S Datasheet HTML 12Page - STMicroelectronics L6995S Datasheet HTML 13Page - STMicroelectronics L6995S Datasheet HTML 14Page - STMicroelectronics L6995S Datasheet HTML 15Page - STMicroelectronics L6995S Datasheet HTML 16Page - STMicroelectronics L6995S Datasheet HTML 17Page - STMicroelectronics L6995S Datasheet HTML 18Page - STMicroelectronics L6995S Datasheet HTML 19Page - STMicroelectronics L6995S Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
L6995S
16/26
6
STEP BY STEP DESIGN
VIN = 20V VOUT = 1.25V IOUT = 20A FSW = 270kHz
In this design it is considered a low profile demoboard, so a great attention is given to the components height.
6.1 Input capacitor.
A pulsed current (with zero average value) flows through the input capacitor of a buck converter. The AC com-
ponent of this current is quite high and dissipates a considerable amount of power on the ESR capacitor:
Eq 17
The IRMS current is given by:
Eq 18
Neglecting the last term, the equation reduces to:
Eq 19
which maximum value corresponds to
δ = 1/2.
ICINRMS, has a maximum equal to δ = 1/2 (@ VIN = 2×VOUT, that is, 50% duty cycle). The input capacitor,
therefore, should be selected with an RMS rated current higher than ICINRMS. Electrolytic capacitors are the
most used because are the cheapest ones and are available with a wide range of RMS current ratings. The only
drawback is that, considering a requested ripple current rating, they are physically larger than other capacitors.
Very good tantalum capacitors are coming available, with very low ESR and small size. The only problem is that
they occasionally can burn out if subjected to very high current during the charge. So, it is better avoid this type
of capacitors for the input filter of the device. In fact, they can be subjected to high surge current when connected
to the power supply. If available for the requested value and voltage rating, the ceramic capacitors have usually
a higher RMS current rating for a given physical size (due to the very low ESR). From the equation 18 it is found:
Icinrms = 4.8A
Considering 10
µF capacitors ceramic, that have ICINRMS =1.5A, 6 pzs. are needed.
6.2 Inductor
In order to determine the inductor value is necessary considering the maximum output current to decide the in-
ductor current saturation. Once the inductor current saturation it is found automatically is found the inductor val-
ue. In our design it is considered a very low profile inductor.
L = 0.6
µH
The saturation current for this choke is around 25A
6.3 Output capacitor
The output capacitor is chosen by the output voltage static and dynamic accuracy. The static accuracy is related
to the output voltage ripple value, while the dynamic accuracy is related to the output current load step.
If the static precision is around ± 2% for the 1.25V output, the output accuracy is ±25mV.
To determine the ESR value from the output precision is necessary before calculate the ripple current:
P
CIN
ESR
CIN
Iout
2
Vin
Vin
Vout
–
()
⋅
Vin
2
------------------------------------------------
⋅⋅
=
Icin
rms
Iout
2 δ 1 δ
–
()
δ
12
------
I
L
∆
()
2
+
=
Icin
rms
Iout
δ 1 δ
–
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com