Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6995S Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6995S
Description  LOSSLESS CURRENT LIMIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6995S Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6995S Datasheet HTML 17Page - STMicroelectronics L6995S Datasheet HTML 18Page - STMicroelectronics L6995S Datasheet HTML 19Page - STMicroelectronics L6995S Datasheet HTML 20Page - STMicroelectronics L6995S Datasheet HTML 21Page - STMicroelectronics L6995S Datasheet HTML 22Page - STMicroelectronics L6995S Datasheet HTML 23Page - STMicroelectronics L6995S Datasheet HTML 24Page - STMicroelectronics L6995S Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
21/26
L6995S
POWER SECTION
Notes: 1. N.M.=Not Mounted
2. The demoboard with this component list is set to give: VOUT = 1.8V, FSW = 250kHz with an input voltage around VIN = 20V and
with the integrator feature.
3. The diode efficiency impact is very low; it is not a necessary component.
4. All capacitors are intended ceramic type otherwise specified.
6.11.1Efficiency
Vin = 20V Vout = 1.8V Fsw = 270kHz
Figure 21. Efficiency vs output current
Part name
Value
Dimension
Notes
C10
100nF
0603
C11
100nF
0603
DIODE
D1
BAR18
INPUT CAPACITORS
C7, C13
10
µF
C34Y5U1E106ZTE12 TOKIN
OUTPUT CAPACITORS
C14, C15
330
µF
EEFUE0D331R
PANASONIC
INDUCTOR
L1
2.7
µH
DO3316P-272HC
COILCRAFT
2.2
µH
ETQP6H2R2GF
PANASONIC
3.3
µHDQ7545
COEV
POWER MOS
Q1,Q2
STS8DNF3LL
STMicroelectronics
Dual MOSFETS in single package
DIODE
D2
STPS3L40U
STMicroelectronics
3
30
40
50
60
70
80
90
0,0
0,5
1 ,0
1,5
2,0
2,5
3,0
3,5
4,0
4,5
5,0
5 ,5
6, 0
Cu r r e n t [A]
Ef f [ %]
V in=20V V ou t=1.8V Fs w =270K hz PW M
V in=2 0V V out=1 .8V Fs w =2 70Khz PFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com