Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6995S Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6995S
Description  LOSSLESS CURRENT LIMIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6995S Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6995S Datasheet HTML 18Page - STMicroelectronics L6995S Datasheet HTML 19Page - STMicroelectronics L6995S Datasheet HTML 20Page - STMicroelectronics L6995S Datasheet HTML 21Page - STMicroelectronics L6995S Datasheet HTML 22Page - STMicroelectronics L6995S Datasheet HTML 23Page - STMicroelectronics L6995S Datasheet HTML 24Page - STMicroelectronics L6995S Datasheet HTML 25Page - STMicroelectronics L6995S Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
L6995S
22/26
7
TYPICAL OPERATING WAVEFORMS
The measurements refer to the part list in table 4. Vin = 20V Vout = 1.25V Fsw = 270kHz Tamb = 25°C.
Figure 22. Soft Start with no load.
Figure 23. Soft Start with 20A load.
Figure 24. Normal functionality in PSK mode.
Figure 25. Normal functionality in PWM mode.
Ch1-> Inductor current
Ch2-> Output voltage
Ch1-> Inductor current
Ch2-> Output voltage
Ch3-> Soft Start voltage
Ch1-> Inductor current
Ch2-> Output voltage
Ch3-> Phase voltage
Ch1-> Inductor current
Ch2-> Output voltage
Ch3-> Phase voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com