Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6995S Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6995S
Description  LOSSLESS CURRENT LIMIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6995S Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6995S Datasheet HTML 14Page - STMicroelectronics L6995S Datasheet HTML 15Page - STMicroelectronics L6995S Datasheet HTML 16Page - STMicroelectronics L6995S Datasheet HTML 17Page - STMicroelectronics L6995S Datasheet HTML 18Page - STMicroelectronics L6995S Datasheet HTML 19Page - STMicroelectronics L6995S Datasheet HTML 20Page - STMicroelectronics L6995S Datasheet HTML 21Page - STMicroelectronics L6995S Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
L6995S
18/26
6.5 Output voltage setting
To select the output divider network there isn't a specific criteria, but a low divider network value (around 100
Ω)
reduces the efficiency at low current; instead a high value divider network (500K
Ω) increase the noise effects.
A network divider values from 1K to 50K is right. From the Eq4:
R10 = 1K
Ω
R9 = 390
Ω
The device output voltage is adjustable by connecting a voltage divider from output to VSENSE pin. Minimum
output voltage is VOUT = VREF = 0.9V. Once output divider and frequency divider have been designed as to ob-
tain the required output voltage and switching frequency, the following equation gives the smallest input voltage,
which allows L6995S to regulate (which corresponds to TOFF = TOFF, MIN):
Eq 25
where the KOSC/TOFFMIN ratio worst-case is given in electrical characteristic table (pag. 4).
6.6 Voltage Feed Forward
Choosing the switching frequency around 270KHz from the Eq1. It can be selected the input divider. For exam-
ple:
R3=560K
Ω
R4=28K
Ω
In order to compensate the comparator delay R4 resistor should be increased around 20%.
R4=33K
Ω
6.7 Current limit resistor
From the Eq13 can be set the valley current limit, knowing the low side RDSON. To set the exact current limit it
must be considered the temperature effect. So two STS25NH3LL have 2.75m
Ω @ 25°C, at 100°C can be con-
sidered 3.85m
Ω.
R8 = 47K
Ω
6.8 Integrator capacitor
Let it be FU = 15kHz.
Since VREF = 0.9V, from Eq4, it follows
αOUT = 0.72 and, from Eq5 it follows CINT1 = 330pF. Because the ripple
is lower than 150mV the system doesn't need the second integrator capacitor.
6.9 Soft start capacitor
Considering the soft start equations (Eq. 11) at page 10, it can be found:
CSS = 200pF
These equations are valid whitout load. When an active load is present the equantions result more complex;
further some active loads have unexpected effect, as higher current than the expected one during the start up,
that can change the start up time.
In this case the capacitor value can be selected on the application; anyway the Eq11 gives an idea about the
CSS value.
δ 1
α
OSC
α
OUT
---------------
1
K
OSC
T
OFFMIN
------------------------



------------------------------
⋅
–
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com