Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDF Datasheet(PDF) 7 Page - STMicroelectronics

Part # LDF
Description  1 A very low drop voltage regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LDF Datasheet HTML 3Page - STMicroelectronics LDF Datasheet HTML 4Page - STMicroelectronics LDF Datasheet HTML 5Page - STMicroelectronics LDF Datasheet HTML 6Page - STMicroelectronics LDF Datasheet HTML 7Page - STMicroelectronics LDF Datasheet HTML 8Page - STMicroelectronics LDF Datasheet HTML 9Page - STMicroelectronics LDF Datasheet HTML 10Page - STMicroelectronics LDF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
LDF
Electrical characteristics
DocID025502 Rev 2
7/33
5
Electrical characteristics
TJ = 25 °C, VIN = VOUT(NOM) + 1 V, CIN
= 1 μF, COUT = 2.2 μF, ILOAD = 10 mA, VEN = 2 V,
unless otherwise specified.
Table 5: LDF (fixed versions) electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input
voltage
2.6
16
V
VOUT
VOUT accuracy, PPAK
and DFN6 versions
VOUT +1 V (1)
≤ VIN ≤ 16 V
ILOAD = 10 mA
-1
1
%
10 mA ≤ ILOAD ≤ 1 A
TJ = -40 to 125 °C
-1.5
1.5
%
VOUT
VOUT accuracy, DPAK
version
VOUT +1 V (1)
≤ VIN ≤ 16 V
ILOAD = 10 mA
-2
2
%
10 mA ≤ ILOAD ≤ 1 A
TJ = -40 to 125 °C
-3
3
%
ΔVOUT
Static line regulation
VOUT +1 V (1)
≤ VIN ≤ 16 V
0.01
%V
VOUT +1 V (1)
≤ VIN ≤ 16 V
TJ = -40 to 125 °C
0.04
ΔVOUT
Static load regulation
10 mA ≤ ILOAD ≤ 1 A
0.2
%/A
10 mA ≤ ILOAD ≤ 1 A
TJ = -40 to 125 °C
0.6
VDROP
Dropout voltage (2)
ILOAD = 1 A
-40 °C < TJ < 125 °C
200
500
mV
Iq
Quiescent current
ON mode: VEN = 2 V
ILOAD = 10 mA to 1 A
TJ = -40 to 125 °C
200
800
µA
OFF mode: VEN = GND,
PPAK and DFN versions
30
OFF mode: VEN = GND,
PPAK and DFN versions
-40 °C < TJ < 125 °C
120
ISC
Short-circuit current
VIN > 3 V
1.5
A
VEN
Enable input logic low
VIN = 2.6 V to 16 V
-40 °C < TJ < 125 °C
0.8
V
Enable input logic high
2
IEN
Enable pin input
current
VEN = VIN
5
10
µA
PG
Power-good output
threshold
Rising edge
0.92*VOUT
V
Falling edge
0.8*VOUT
Power-good output
voltage low
ISINK = 6 mA
open drain output
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com