Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDF Datasheet(PDF) 1 Page - STMicroelectronics

Part # LDF
Description  1 A very low drop voltage regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDF Datasheet(HTML) 1 Page - STMicroelectronics

  LDF Datasheet HTML 1Page - STMicroelectronics LDF Datasheet HTML 2Page - STMicroelectronics LDF Datasheet HTML 3Page - STMicroelectronics LDF Datasheet HTML 4Page - STMicroelectronics LDF Datasheet HTML 5Page - STMicroelectronics LDF Datasheet HTML 6Page - STMicroelectronics LDF Datasheet HTML 7Page - STMicroelectronics LDF Datasheet HTML 8Page - STMicroelectronics LDF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
April 2017
DocID025502 Rev 2
1/33
This is information on a product in full production.
www.st.com
LDF
1 A very low drop voltage regulator
Datasheet - production data
Features
Input voltage from 2.6 to 16 V
Very low-dropout voltage (500 mV max. at
1 A load)
Low quiescent current (200 μA typ. @ 1 A
load)
Available in 1% precision in PPAK and
DFN6 packages, 2% in DPAK
1 A guaranteed output current
Wide range of output voltages available on
request: adjustable from 0.8 V, fixed up to
12 V in 100 mV steps
Logic-controlled electronic shutdown
Power Good (PPAK and DFN packages)
Fast dynamic response to line and load
changes
Internal current and thermal protections
Temperature range: -40 °C to 125 °C
Applications
Computer and laptop
Battery-powered equipments
Industrial and medical equipment
Consumer and set-top box
Description
The LDF is a fast, very low drop linear regulator
which operates from an input supply voltage in
the range of 2.6 V to 16 V.
It is available in fixed and adjustable output
voltage versions, from 0.8 V to 12 V.
The LDF features are: high output precision, very
low-dropout voltage, low noise, and low
quiescent current, therefore suitable for low
voltage microprocessors and memory
applications.
Enable logic control pin and power-good output
are featured on PPAK/DFN packages.
Current and thermal protection are provided.


Similar Part No. - LDF

ManufacturerPart #DatasheetDescription
logo
D+H Mechatronic AG
LDF100 DH-LDF100 Datasheet
469Kb / 3P
Louvre window drives
logo
MicroPower Direct, LLC
LDF24E MPD-LDF24E Datasheet
341Kb / 2P
LDF24E-XX-XXX SERIES
LDF24E-10-300 MPD-LDF24E-10-300 Datasheet
341Kb / 2P
300 - 700 mA Output Current
LDF24E-10-300 MPD-LDF24E-10-300 Datasheet
341Kb / 2P
Miniature, SMT Constant Current Output DC/DC LED Drivers
LDF24E-12-350 MPD-LDF24E-12-350 Datasheet
341Kb / 2P
300 - 700 mA Output Current
More results

Similar Description - LDF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
5V VERY LOW DROP VOLTAGE REGULATOR
Mar-1999
L4949E STMICROELECTRONICS-L4949E Datasheet
77Kb / 10P
MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
LDRXXYY STMICROELECTRONICS-LDRXXYY Datasheet
384Kb / 13P
VERY LOW DROP DUAL VOLTAGE REGULATOR
03-Aug-2004
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
Very low drop dual voltage regulator
15-Apr-2008
L4940XX STMICROELECTRONICS-L4940XX Datasheet
1Mb / 23P
Very low drop 1.5 A regulator
20-Feb-2008
LD49300XX08 STMICROELECTRONICS-LD49300XX08 Datasheet
678Kb / 20P
3 A very low drop-out voltage regulator
30-Jun-2010
L4949ED-E STMICROELECTRONICS-L4949ED-E Datasheet
475Kb / 19P
Multifunction very low drop voltage regulator
24-Nov-2009
L4949ED013TR STMICROELECTRONICS-L4949ED013TR Datasheet
501Kb / 19P
Multifunction very low drop voltage regulator
25-Nov-2009
CD00257532 STMICROELECTRONICS-CD00257532 Datasheet
475Kb / 19P
Multifunction very low drop voltage regulator
24-Nov-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com