Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDF Datasheet(PDF) 2 Page - STMicroelectronics

Part # LDF
Description  1 A very low drop voltage regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDF Datasheet(HTML) 2 Page - STMicroelectronics

  LDF Datasheet HTML 1Page - STMicroelectronics LDF Datasheet HTML 2Page - STMicroelectronics LDF Datasheet HTML 3Page - STMicroelectronics LDF Datasheet HTML 4Page - STMicroelectronics LDF Datasheet HTML 5Page - STMicroelectronics LDF Datasheet HTML 6Page - STMicroelectronics LDF Datasheet HTML 7Page - STMicroelectronics LDF Datasheet HTML 8Page - STMicroelectronics LDF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Contents
LDF
2/33
DocID025502 Rev 2
Contents
1
Block diagram.................................................................................. 3
2
Pin configuration ............................................................................. 4
3
Typical application .......................................................................... 5
4
Absolute maximum ratings............................................................. 6
5
Electrical characteristics ................................................................ 7
6
Application information ................................................................ 11
6.1
External capacitors.......................................................................... 11
6.1.1
Input capacitor .................................................................................. 11
6.1.2
Output capacitor ............................................................................... 11
6.2
Output voltage setting for ADJ version ............................................ 11
6.3
Enable pin operation ....................................................................... 11
6.4
Power Good .................................................................................... 11
7
Typical characteristics.................................................................. 12
8
Package information ..................................................................... 16
8.1
DFN6 (3x3) package information .................................................... 16
8.2
DFN6 (3x3) packing information...................................................... 18
8.3
DFN6 (2x2) package information .................................................... 20
8.4
DFN6 (2x2) packing information...................................................... 23
8.5
PPAK package information ............................................................. 24
8.6
DPAK package information ............................................................. 26
8.7
PPAK and DPAK packing information............................................. 29
9
Ordering information..................................................................... 31
10
Revision history ............................................................................ 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com