Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDF Datasheet(PDF) 10 Page - STMicroelectronics

Part # LDF
Description  1 A very low drop voltage regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDF Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LDF Datasheet HTML 6Page - STMicroelectronics LDF Datasheet HTML 7Page - STMicroelectronics LDF Datasheet HTML 8Page - STMicroelectronics LDF Datasheet HTML 9Page - STMicroelectronics LDF Datasheet HTML 10Page - STMicroelectronics LDF Datasheet HTML 11Page - STMicroelectronics LDF Datasheet HTML 12Page - STMicroelectronics LDF Datasheet HTML 13Page - STMicroelectronics LDF Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Electrical characteristics
LDF
10/33
DocID025502 Rev 2
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
SVR
Supply voltage
rejection
VIN = 3 V +/- 0.5 VRIPPLE
f = 120 Hz
VOUT = 0.8 V
62
dB
VIN = 3 V +/- 0.5 VRIPPLE
f = 120 Hz to 100 kHz
VOUT = 0.8 V
55
eN
Output noise voltage
Bw = 10 Hz to 100 kHz
ILOAD = 100 mA
COUT
= 2.2 μF
50
μVRMS
/VOUT
TSHDN
Thermal shutdown
170
°C
Hysteresis
10
Notes:
(1) For VOUT < 1.6 V; VIN = 2.6 V.
(2) Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its
nominal value. This specification does not apply to output voltages below 1.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com