Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDF Datasheet(PDF) 11 Page - STMicroelectronics

Part # LDF
Description  1 A very low drop voltage regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDF Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LDF Datasheet HTML 7Page - STMicroelectronics LDF Datasheet HTML 8Page - STMicroelectronics LDF Datasheet HTML 9Page - STMicroelectronics LDF Datasheet HTML 10Page - STMicroelectronics LDF Datasheet HTML 11Page - STMicroelectronics LDF Datasheet HTML 12Page - STMicroelectronics LDF Datasheet HTML 13Page - STMicroelectronics LDF Datasheet HTML 14Page - STMicroelectronics LDF Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
LDF
Application information
DocID025502 Rev 2
11/33
6
Application information
6.1
External capacitors
The LDF voltage regulator requires external ceramic capacitors to assure the control loop
stability. These capacitors must be selected to meet the requirements of minimum
capacitance and equivalent series resistance (see Figure 25: "Stability plane ADJ (COUT,
ESR)" and Figure 26: "Stability plane 3.3 V (COUT, ESR)". Input/output capacitors should be
located as closer as possible to the relative pins.
6.1.1
Input capacitor
An input capacitor, whose minimum value is 1 μF, must not be located farther than 0.5"
from the input pin of the device and returned to a clean analog ground.
6.1.2
Output capacitor
Ceramic capacitors could be used on the output, provided that they must meet the
minimum amount of capacitance and E.S.R. (equivalent series resistance) value required.
2.2 μF is suggested as minimum capacitance to guarantee the stability of the regulator.
Anyway, other COUT values can be used according to the Figure 25: "Stability plane ADJ
(COUT, ESR)" and Figure 26: "Stability plane 3.3 V (COUT, ESR)" showing the allowable ESR
range as a function of the output capacitance. The output capacitor must maintain its ESR
in the stable region over the full operating temperature range to assure stability. Besides,
capacitor tolerance and temperature variation must be taken into account to assure the
minimum amount of capacitance.
6.2
Output voltage setting for ADJ version
In the adjustable version, the output voltage can be set from 0.8 V up to the input voltage
minus the voltage drop across the pass transistor (dropout voltage), by connecting a
resistor divider between the ADJ pin and the output, thus allowing remote voltage sensing.
The resistor divider could be selected by the following equation:
���������������� = ����������������(1 + ����1 ����2
⁄ )
������������ℎ ���������������� = 0.8 ����(������������. )
It is recommended to use resistors with values in the range of 10 kΩ to 100 kΩ. Lower
values can also be suitable, but current consumption increases.
6.3
Enable pin operation
This pin can be used to turn OFF the regulator when it is pulled down, so to drastically
reduce the current consumption. When the enable feature is not used, this pin must be tied
to VIN to keep the regulator output in ON state every time. To assure the proper operation,
the signal source, used to drive the EN pin, must be able to swing above and below the
specified thresholds listed in the electrical characteristics (VEN). The EN pin must not be left
floating because it is not internally pulled down/up.
6.4
Power Good
The LDF features an open drain PG pin to sequence either external supplies or loads and
to provide fault detection. This pin requires an external resistor (RPG) to pull Power Good
high when the output is within the power-good tolerance window. Typical values for this
resistor range from 10 kΩ to 100 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com