Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDLN015 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LDLN015
Description  150 mA guaranteed output current
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLN015 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LDLN015 Datasheet HTML 2Page - STMicroelectronics LDLN015 Datasheet HTML 3Page - STMicroelectronics LDLN015 Datasheet HTML 4Page - STMicroelectronics LDLN015 Datasheet HTML 5Page - STMicroelectronics LDLN015 Datasheet HTML 6Page - STMicroelectronics LDLN015 Datasheet HTML 7Page - STMicroelectronics LDLN015 Datasheet HTML 8Page - STMicroelectronics LDLN015 Datasheet HTML 9Page - STMicroelectronics LDLN015 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
LDLN015
6/18
DocID022735 Rev 3
4
Electrical characteristics
TJ = 25 °C, VIN = VOUT(NOM) + 1 V, CIN = COUT = 0.47 µF, IOUT = 1 mA, VEN = VIN, unless
otherwise specified.
Table 5. Electrical characteristics (1) (2)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
2.1
5.5
V
VOUT
VOUT accuracy
IOUT =1mA
-1
1
%
-40°C<TJ<125°C, IOUT=from 1mA to
150mA, VIN=VOUT(NOM) + 1V to 5.5
-2
2
ΔVOUT
Static line regulation
VOUT +1V ≤VIN ≤5.5V, IOUT = 1mA
0.005
%/V
ΔVOUT
Static load regulation
IOUT = 1mA to 150mA
0.001
%/mA
VDROP
Dropout voltage (3)
IOUT = 150mA, VOUT > 1.9V
-40°C<TJ<125°C
86
180
mV
eN
Output noise voltage
10Hz to 100kHz, IOUT = 0mA,
VOUT =1.0V
6.3
µVRMS
10Hz to 100kHz, IOUT = 150mA,
VOUT =1.0V
9.9
SVR
Supply voltage
rejection VOUT =1.0V
VIN = VOUTNOM+1V+/-VRIPPLE
VRIPPLE = 0.5V Freq.=1kHz
IOUT = 10mA
92
dB
VIN = VOUTNOM+1V+/-VRIPPLE
VRIPPLE = 0.5V Freq.=10kHz
IOUT = 10mA
89
VIN = VOUTNOM+1V+/-VRIPPLE
VRIPPLE = 0.5V Freq.=100kHz
IOUT = 1mA
50
IQ
Quiescent current
IOUT=0mA
IOUT=0mA, -40°C<TJ<125°C
IOUT=150mA
IOUT=150mA, -40°C<TJ<125°C
35
70
60
120
µA
VIN input current in OFF mode
VEN=GND
0.002
2
ISC
Short-circuit current
RL=0; VIN=2.0V
300
mA
VEN
Enable input logic low
VIN = 2.1V to 5.5V, -40°C<TJ <125°C
0.4
V
Enable input logic high VIN = 2.1V to 5.5V, -40°C<TJ <125°C
0.9
IEN
Enable pin input
current
VEN=5.5V
0.1
100
nA
TON
Turn-on time (4)
110
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com