Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDLN015 Datasheet(PDF) 9 Page - STMicroelectronics

Part # LDLN015
Description  150 mA guaranteed output current
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLN015 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LDLN015 Datasheet HTML 5Page - STMicroelectronics LDLN015 Datasheet HTML 6Page - STMicroelectronics LDLN015 Datasheet HTML 7Page - STMicroelectronics LDLN015 Datasheet HTML 8Page - STMicroelectronics LDLN015 Datasheet HTML 9Page - STMicroelectronics LDLN015 Datasheet HTML 10Page - STMicroelectronics LDLN015 Datasheet HTML 11Page - STMicroelectronics LDLN015 Datasheet HTML 12Page - STMicroelectronics LDLN015 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DocID022735 Rev 3
9/18
LDLN015
Typical performance characteristics
18
Figure 8. Dropout voltage vs. IOUT
Figure 9. Quiescent current vs. temperature
10
20
30
40
50
60
70
80
90
100
110
0
20
40
60
80
100
120
140
160
I
OUT [mA]
-40 °C
25 °C
125 °C
10
20
30
40
50
60
70
80
90
100
110
0
20
40
60
80
100
120
140
160
I
OUT [mA]
-40 °C
25 °C
125 °C
Figure 10. Quiescent current vs. IOUT
Figure 11. Quiescent current vs. VIN
Figure 12. Supply voltage rejection vs.
frequency
Figure 13. Supply voltage rejection vs. IOUT
10
20
30
40
50
60
70
80
90
100
110
0
20
40
60
80
100
120
140
160
I
OUT [mA]
-40°C
25°C
125°C
V
IN = 4.3 V
10
20
30
40
50
60
70
80
90
100
110
0
20
40
60
80
100
120
140
160
I
OUT [mA]
-40°C
25°C
125°C
V
IN = 4.3 V
0
10
20
30
40
50
60
70
80
90
100
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
V
IN [V]
T = -40°C
T = +25°C
T = 125 °C
I
OUT = 150 mA
0
10
20
30
40
50
60
70
80
90
100
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
V
IN [V]
T = -40°C
T = +25°C
T = 125 °C
I
OUT = 150 mA
30
40
50
60
70
80
90
100
100
1000
10000
100000
f [Hz]
V
IN = 2.5 ± 0.5 V; IOUT = 10 mA; VO = 1 V
30
40
50
60
70
80
90
100
100
1000
10000
100000
f [Hz]
V
IN = 2.5 ± 0.5 V; IOUT = 10 mA; VO = 1 V
50
60
70
80
90
100
110
0
20
40
60
80
100
120
140
160
I
OUT [mA]
V
IN = 2.5 ± 0.5 V; F = 1 kHz; VO = 1 V
50
60
70
80
90
100
110
0
20
40
60
80
100
120
140
160
I
OUT [mA]
V
IN = 2.5 ± 0.5 V; F = 1 kHz; VO = 1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com