Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDLN015 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LDLN015
Description  150 mA guaranteed output current
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLN015 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LDLN015 Datasheet HTML 6Page - STMicroelectronics LDLN015 Datasheet HTML 7Page - STMicroelectronics LDLN015 Datasheet HTML 8Page - STMicroelectronics LDLN015 Datasheet HTML 9Page - STMicroelectronics LDLN015 Datasheet HTML 10Page - STMicroelectronics LDLN015 Datasheet HTML 11Page - STMicroelectronics LDLN015 Datasheet HTML 12Page - STMicroelectronics LDLN015 Datasheet HTML 13Page - STMicroelectronics LDLN015 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Typical performance characteristics
LDLN015
10/18
DocID022735 Rev 3
Figure 14. Noise spectral density
Figure 15. Stability area
0.0
0.5
1.0
1.5
2.0
2.5
10
100
1000
10000
100000
f [Hz]
Vo=1.0V
Vo=2.8V
Vo=3.3V
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.0 1.0
2.0 3.0
4.0
5.0 6.0
7.0 8.0
9.0 10.0
C
OUT [µF]
ESR MAX
ESR MIN
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.0 1.0
2.0 3.0
4.0
5.0 6.0
7.0 8.0
9.0 10.0
C
OUT [µF]
ESR MAX
ESR MIN
Figure 16. Load transient
Figure 17. Line transient at IOUT = 1 mA
IOUT = from 10 to 150 mA; trise = tfall = 5 µs
VIN = from 4.3 to 4.8 V; IOUT = 1 mA; trise = tfall = 5 µs
Figure 18. Line transient at IOUT = 150 mA
Figure 19. Turn-on time at IOUT = 1 mA;
VOUT =1 V
VIN = from 4.3 to 4.8 V; IOUT = 150 mA; trise = tfall = 5 µs
VIN = 2 V; VO = 1 V; IOUT = 1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com