Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDLN015 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LDLN015
Description  150 mA guaranteed output current
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLN015 Datasheet(HTML) 1 Page - STMicroelectronics

  LDLN015 Datasheet HTML 1Page - STMicroelectronics LDLN015 Datasheet HTML 2Page - STMicroelectronics LDLN015 Datasheet HTML 3Page - STMicroelectronics LDLN015 Datasheet HTML 4Page - STMicroelectronics LDLN015 Datasheet HTML 5Page - STMicroelectronics LDLN015 Datasheet HTML 6Page - STMicroelectronics LDLN015 Datasheet HTML 7Page - STMicroelectronics LDLN015 Datasheet HTML 8Page - STMicroelectronics LDLN015 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This is information on a product in full production.
January 2015
DocID022735 Rev 3
1/18
LDLN015
150 mA - ultra low noise - high PSRR linear voltage regulator IC
Datasheet
- production data
Features
• Ultra low noise: 6.3 µVRMS from 10 Hz to
100 kHz
• Input voltage from 2.1 to 5.5 V
• Very low quiescent current (35 µA typ. at no
load, 70 µA typ. at 150 mA load; 2 µA max. in
off mode)
• Output voltage tolerance: ± 1% at 25 °C
• 150 mA guaranteed output current
• Wide range of output voltage from 0.8 V to
3.3 V with 100 mV step
• Logic-controlled electronic shutdown
• Compatible with ceramic capacitor
(COUT = 0.47 µF)
• No bypass capacitor is required
• Internal current and thermal limit
• Package DFN6 (2 x 2 mm)
• Temperature range: - 40 °C to 125 °C
Description
The LDLN015 is an ultra low noise linear
regulator which provides 150 mA maximum
current from an input voltage ranging from 2.1 V
to 5.5 V with a typical dropout voltage of 86 mV.
With its 6.3 µVRMS noise value in a band from 10
Hz to 100 kHz, the LDLN015 provides a very
clean output suitable for ultra sensitive loads. It is
stable with ceramic capacitors. High PSRR, low
quiescent current and very low noise features
make it suitable for low power battery powered
applications. Power supply rejection is higher
than 90 dB at low frequencies and starts to roll off
at 10 kHz. The enable logic control function puts
the LDLN015 into shutdown mode allowing a total
current consumption lower than 1 µA. The device
also includes a short-circuit constant current
limiting and thermal protection. Typical
applications are noise sensitive loads like ADC,
VCO in mobile phones, and personal digital
assistants (PDAs).
DFN6 (2 x 2 mm)
Table 1. Device summary
Order codes
Output voltages
LDLN015PU10R
1.0 V
LDLN015PU12R
1.2 V
LDLN015PU15R
1.5 V
LDLN015PU18R
1.8 V
LDLN015PU25R
2.5 V
LDLN015PU28R
2.8 V
LDLN015PU30R
3.0 V
LDLN015PU33R
3.3 V
www.st.com


Similar Part No. - LDLN015

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDLN025 STMICROELECTRONICS-LDLN025 Datasheet
1Mb / 22P
250 mA ultra low noise LDO
17-Nov-2016
LDLN025 STMICROELECTRONICS-LDLN025 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
LDLN025J12R STMICROELECTRONICS-LDLN025J12R Datasheet
1Mb / 22P
250 mA ultra low noise LDO
17-Nov-2016
LDLN025J18R STMICROELECTRONICS-LDLN025J18R Datasheet
1Mb / 22P
250 mA ultra low noise LDO
17-Nov-2016
LDLN025J25R STMICROELECTRONICS-LDLN025J25R Datasheet
1Mb / 22P
250 mA ultra low noise LDO
17-Nov-2016
More results

Similar Description - LDLN015

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA58LT00F TOSHIBA-TA58LT00F Datasheet
221Kb / 10P
150 mA Output Current and Tracking Regulator with ON/OFF Control Switch
logo
Advanced Power Electron...
APE8845 A-POWER-APE8845 Datasheet
239Kb / 7P
Guaranteed 600mA Output Current
logo
Exar Corporation
SPX29302T5-L EXAR-SPX29302T5-L Datasheet
648Kb / 10P
3A Guaranteed Output Current
logo
Texas Instruments
LP2989IM-3.3 TI-LP2989IM-3.3 Datasheet
1Mb / 19P
Ultra low dropout voltage, Guaranteed 500 mA continuous output current
logo
Advanced Power Electron...
APE8862 A-POWER-APE8862_14 Datasheet
516Kb / 9P
Guaranteed 600mA Output Current
logo
IK Semicon Co., Ltd
ILX232 IKSEMICON-ILX232 Datasheet
384Kb / 7P
Output current 24 mA
logo
Unisonic Technologies
LR18220G-XX-S08-R UTC-LR18220G-XX-S08-R Datasheet
162Kb / 4P
Guaranteed Output Current of 2A
logo
STMicroelectronics
LD39115J STMICROELECTRONICS-LD39115J Datasheet
429Kb / 21P
150 mA guaranteed output current
16-Jan-2014
LNBP8L STMICROELECTRONICS-LNBP8L Datasheet
423Kb / 21P
500 mA guaranteed output current
11-Nov-2008
logo
Maxim Integrated Produc...
MAX662 MAXIM-MAX662 Datasheet
346Kb / 8P
Guaranteed 30mA Output
1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com